Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705SB7 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 68HC705SB7
Description  SPECIFICATION (General Release)
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SB7 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  68HC705SB7 Datasheet HTML 1Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 2Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 3Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 4Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 5Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 6Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 7Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 8Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 170 page
background image
August 27, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05SB7
MOTOROLA
REV 2.1
iii
TABLE OF CONTENTS
Section
Page
6.3
DATA-RETENTION MODE.............................................................................. 6-4
6.4
SLOW MODE................................................................................................... 6-5
SECTION 7
INPUT/OUTPUT PORTS
7.1
PARALLEL PORTS.......................................................................................... 7-1
7.1.1
Port Data Registers ..................................................................................... 7-2
7.1.2
Port Data Direction Registers ...................................................................... 7-2
7.2
PORT A............................................................................................................ 7-2
7.3
PORT B............................................................................................................ 7-2
7.4
PORT C............................................................................................................ 7-2
SECTION 8
SYSTEM CLOCK
8.1
CLOCK SOURCES .......................................................................................... 8-1
8.2
VCO CLOCK SPEED....................................................................................... 8-2
8.2.1
VCO Slow Mode .......................................................................................... 8-2
8.2.2
Setting the VCO Speed ............................................................................... 8-3
SECTION 9
CORE TIMER
9.1
CORE TIMER STATUS AND CONTROL REGISTER..................................... 9-2
9.2
CORE TIMER COUNTER REGISTER (CTCR) ............................................... 9-3
9.3
COP WATCHDOG ........................................................................................... 9-4
9.4
CORE TIMER DURING WAIT MODE.............................................................. 9-5
9.5
CORE TIMER DURING STOP MODE............................................................. 9-5
SECTION 10
16-BIT TIMER
10.1
TIMER REGISTERS (TMRH, TMRL)............................................................. 10-2
10.2
ALTERNATE COUNTER REGISTERS (ACRH, ACRL) ................................ 10-4
10.3
INPUT CAPTURE REGISTERS .................................................................... 10-5
10.4
OUTPUT COMPARE REGISTERS ............................................................... 10-7
10.5
TIMER CONTROL REGISTER (TCR) ........................................................... 10-9
10.6
TIMER STATUS REGISTER (TSR)............................................................. 10-10
10.7
TIMER OPERATION DURING WAIT MODE............................................... 10-11
10.8
TIMER OPERATION DURING STOP MODE .............................................. 10-11
SECTION 11
PULSE WIDTH MODULATOR
11.1
D/A DATA REGISTERS (DAC0-DAC3) ......................................................... 11-2
11.2
MUX CHANNEL ENABLE REGISTER (MCER) ............................................ 11-3
11.3
PWM DURING WAIT MODE ......................................................................... 11-4
11.4
PWM DURING STOP MODE......................................................................... 11-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com