Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705SB7 Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc

Part # 68HC705SB7
Description  SPECIFICATION (General Release)
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SB7 Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button 68HC705SB7 Datasheet HTML 91Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 92Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 93Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 94Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 95Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 96Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 97Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 98Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 170 page
background image
August 27, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05SB7
CURRENT SENSE AMPLIFIER
MOTOROLA
REV 2.1
13-3
CSEN — Current Sense Amplifier Enable
This read/write bit enables the CSA module. Reset clears the CSEN bit.
1 =
CSA block enabled.
0 =
CSA block disabled.
X30, X10 — Current Sense Amplifier Gain Select
These read/write bits enable the respective gain to be selected. See
Table 13-2. Reset clears the X30 and X10 bits.
Table 13-2. Current Sense Amplifier Gain Select
CSCAL — Current Sense Amplifier Calibration Enable
This read/write bit enables the CSA calibration. Reset clears the CSCAL bit.
1 =
CSA calibration enabled; current amplifier input connected to
ground (VSS).
0 =
CSA calibration disabled; current amplifier input from CSA pin.
CDEN — Current Detect Enable
This read/write bit enables the current detect comparator and current detect
output pin (CS0 or CS1) logic. Reset clears the CDEN bit.
1 =
Current detect comparator enabled.
0 =
Current detect comparator disabled.
CDIE — Current Detect Interrupt Enable
This read/write bit enables interrupts caused by detecting the current passing
through the sensing resistor, RSENSE. Reset clears the CDIE bit.
1 =
Current detect interrupt enabled.
0 =
Current detect interrupt disabled.
CDIFR — Current Detect Interrupt Flag Reset
Writing a logic “1” to this write-only bit clears the CDIF bit. CDIFR always reads
as a logic zero. Reset does not affect CDIFR.
1 =
Clear CDIF bit.
0 =
No affect on CDIF bit.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
CSSCR
R
CSEN
X30
X10
CSCAL
CDEN
CDIE
0
CDIF
$000A
W
CDIFR
reset:
00000000
Figure 13-2. CSA Status and Control Register (CSSCR)
X30
X10
GAIN SELECTED
0
Don’t care
X10
1
0
X30
1
1
Undetermined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com