Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705SB7 Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # 68HC705SB7
Description  SPECIFICATION (General Release)
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SB7 Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button 68HC705SB7 Datasheet HTML 83Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 84Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 85Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 86Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 87Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 88Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 89Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 90Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 170 page
background image
August 27, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05SB7
SM-BUS
MOTOROLA
REV 2.1
12-9
SRW — Slave Read/Write Select
When SMAAS is set, the R/W command bit of the calling address sent from
master is latched into the R/W command bit (SRW). By checking this bit, the
CPU can select slave transmit/receive mode according to the command of
master.
1 =
Read from slave, from calling master.
0 =
Write to slave from calling master.
SMIF — SM-Bus Interrupt Flag
1 =
An SM-Bus interrupt has occurred.
0 =
An SM-Bus interrupt has not occurred.
This bit is set when one of the following events occur:
– Transmission (either transmit or receive mode) of one byte
completed. The bit is set at the falling edge of the 9th clock.
– Receive a calling address which matches its own specific address in
slave receive mode.
– Arbitration lost.
RXAK — Receive Acknowledge
When this bit is “0”, it indicates an acknowledge signal has been received after
the completion of 8 bits data transmission on the bus. If RXAK is “1”, it means
no acknowledge signal is detected at the 9th clock. This bit is set upon reset.
1 =
No acknowledgment signal detected.
0 =
Acknowledgment signal detected after 8 bits data transmitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com