| Electronic Components Datasheet Search |
|
68HC705SB7 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
68HC705SB7 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc |
|
17 / 170 page ![]() August 27, 1998 GENERAL RELEASE SPECIFICATION MC68HC05SB7 GENERAL DESCRIPTION MOTOROLA REV 2.1 1-5 The frequency, fOSC of the EPO or external clock source is divided by two to pro- duce the internal operating frequency, fOP. or fBUS. Crystal Oscillator The circuit in Figure 1-3(a) shows a typical oscillator circuit for an AT-cut, parallel resonant crystal. The crystal manufacturer’s recommendations should be fol- lowed, as the crystal parameters determine the external component values required to provide maximum stability and reliable start-up. The load capacitance values used in the oscillator circuit design should include all stray capacitances. The crystal and components should be mounted as close as possible to the pins for start-up stabilization and to minimize output distortion. Figure 1-3. EPO Oscillator Connections Ceramic Resonator Oscillator In cost-sensitive applications, a ceramic resonator can be used in place of the crystal. The circuit in Figure 1-3(a) can be used for a ceramic resonator. The res- onator manufacturer’s recommendations should be followed, as the resonator parameters determine the external component values required for maximum sta- bility and reliable starting. The load capacitance values used in the oscillator cir- cuit design should include all stray capacitances. The ceramic resonator and components should be mounted as close as possible to the pins for start-up stabi- lization and to minimize output distortion. External Clock An external clock from another CMOS-compatible device can be connected to the OSC1 input, with the OSC2 input not connected, as shown in Figure 1-3(b). This configuration is possible regardless of whether the crystal/ceramic resonator or internal VCO is enabled. 1.6.3 IRQ/VPP The IRQ/VPP input pin drives the asynchronous IRQ interrupt function of the CPU. The IRQ interrupt function has a bit to provide either only negative edge-sensitive triggering or both negative edge-sensitive and low level-sensitive triggering. If the MCU OSC1 OSC2 2M Ω Unconnected External Clock MCU OSC1 OSC2 (a) Crystal or Ceramic Resonator Connections (b) External Clock Source Connection |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |