Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705SB7 Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # 68HC705SB7
Description  SPECIFICATION (General Release)
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SB7 Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button 68HC705SB7 Datasheet HTML 69Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 70Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 71Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 72Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 73Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 74Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 75Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 76Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 170 page
background image
August 27, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05SB7
16-BIT TIMER
MOTOROLA
REV 2.1
10-11
10.7
TIMER OPERATION DURING WAIT MODE
During WAIT mode the 16-bit timer continues to operate normally and may gener-
ate an interrupt to trigger the MCU out of the WAIT mode.
10.8
TIMER OPERATION DURING STOP MODE
When the MCU enters the STOP mode the free-running counter stops counting
(the internal processor clock is stopped). It remains at that particular count value
until the STOP mode is exited by applying a low signal to the IRQ pin, at which
time the counter resumes from its stopped value as if nothing had happened. If
STOP mode is exited via an external reset (logic low applied to the RESET pin)
the counter is forced to $FFFC.
If a valid input capture edge occurs at the PB1/TCAP pin during the STOP mode
the input capture detect circuitry will be armed. This action does not set any flags
or “wake up” the MCU, but when the MCU does “wake up” there will be an active
input capture flag (and data) from the first valid edge. If the STOP mode is exited
by an external reset, no input capture flag or data will be present even if a valid
input capture edge was detected during the STOP mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com