Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705SB7 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 68HC705SB7
Description  SPECIFICATION (General Release)
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SB7 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 68HC705SB7 Datasheet HTML 3Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 4Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 5Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 6Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 7Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 8Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 9Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 10Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 170 page
background image
August 27, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05SB7
MOTOROLA
REV 2.1
v
TABLE OF CONTENTS
Section
Page
SECTION 14
TEMPERATURE SENSOR
14.1
INTERNAL TEMPERATURE SENSOR ......................................................... 14-1
14.2
EXTERNAL TEMPERATURE SENSOR........................................................ 14-2
14.3
TEMPERATURE SENSOR OPERATION DURING WAIT MODE................. 14-2
14.4
TEMPERATURE SENSOR OPERATION DURING STOP MODE................ 14-2
SECTION 15
ANALOG SUBSYSTEM
15.1
ANALOG MULTIPLEX REGISTERS ............................................................. 15-3
15.2
ANALOG CONTROL REGISTER ................................................................ 15-14
15.3
ANALOG STATUS REGISTER.................................................................... 15-17
15.4
A/D CONVERSION METHODS ................................................................... 15-19
15.5
VOLTAGE MEASUREMENT METHODS .................................................... 15-27
15.5.1
Absolute Voltage Readings ..................................................................... 15-27
15.5.2
Ratiometric Voltage Readings ................................................................. 15-28
15.6
VOLTAGE COMPARATOR FEATURES ..................................................... 15-29
15.7
CURRENT SOURCE FEATURES ............................................................... 15-30
15.8
SAMPLE AND HOLD ................................................................................... 15-30
15.9
PORT B INTERACTION WITH ANALOG INPUTS ...................................... 15-30
15.9.1
Port B Pins As Inputs............................................................................... 15-31
15.10 NOISE SENSITIVITY ............................................................................................................ 15-31
SECTION 16
PERSONALITY EPROM
16.1
PEPROM REGISTERS.................................................................................. 16-2
16.1.1
PEPROM Bit Select Register (PEBSR) ..................................................... 16-2
16.1.2
PEPROM Status and Control Register (PESCR) ...................................... 16-2
16.2
PEPROM PROGRAMMING........................................................................... 16-3
16.3
PEPROM READING ...................................................................................... 16-4
16.4
PEPROM ERASING ...................................................................................... 16-4
16.5
PEPROM PREPROGRAMMED OPTIONS ................................................... 16-5
16.5.1
Data Format in Preprogrammed PEPROM ............................................... 16-5
SECTION 17
INSTRUCTION SET
17.1
ADDRESSING MODES ................................................................................. 17-1
17.1.1
Inherent...................................................................................................... 17-1
17.1.2
Immediate .................................................................................................. 17-1
17.1.3
Direct ......................................................................................................... 17-2
17.1.4
Extended.................................................................................................... 17-2
17.1.5
Indexed, No Offset..................................................................................... 17-2
17.1.6
Indexed, 8-Bit Offset .................................................................................. 17-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com