Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF641A Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT25DF641A
Description  64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF641A Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT25DF641A Datasheet HTML 14Page - ATMEL Corporation AT25DF641A Datasheet HTML 15Page - ATMEL Corporation AT25DF641A Datasheet HTML 16Page - ATMEL Corporation AT25DF641A Datasheet HTML 17Page - ATMEL Corporation AT25DF641A Datasheet HTML 18Page - ATMEL Corporation AT25DF641A Datasheet HTML 19Page - ATMEL Corporation AT25DF641A Datasheet HTML 20Page - ATMEL Corporation AT25DF641A Datasheet HTML 21Page - ATMEL Corporation AT25DF641A Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 57 page
background image
18
8693A–DFLASH–8/10
Atmel AT25DF641A [Preliminary]
.
Table 8-1.
Operations Allowed and Not Allowed During a Program or Erase Suspend
Command
Operation During
Program Suspend
Operation During
Erase Suspend
Read Commands
Read Array (All Opcodes)
Allowed
Allowed
Program and Erase Commands
Block Erase
Not Allowed
Not Allowed
Chip Erase
Not Allowed
Not Allowed
Byte/Page Program (All Opcodes)
Not Allowed
Allowed
Program/Erase Suspend
Not Allowed
Allowed
Program/Erase Resume
Allowed
Allowed
Protection Commands
Write Enable
Not Allowed
Allowed
Write Disable
Not Allowed
Allowed
Protect Sector
Not Allowed
Not Allowed
Unprotect Sector
Not Allowed
Not Allowed
Global Protect/Unprotect
Not Allowed
Not Allowed
Read Sector Protection Registers
Allowed
Allowed
Security Commands
Sector Lockdown
Not Allowed
Not Allowed
Freeze Sector Lockdown State
Not Allowed
Not Allowed
Read Sector Lockdown Registers
Allowed
Allowed
Program OTP Security Register
Not Allowed
Not Allowed
Read OTP Security Register
Allowed
Allowed
Status Register Commands
Read Status Register
Allowed
Allowed
Write Status Register (All Opcodes)
Not Allowed
Not Allowed
Miscellaneous Commands
Reset
Allowed
Allowed
Read Manufacturer and Device ID
Allowed
Allowed
Deep Power-Down
Not Allowed
Not Allowed
Resume from Deep Power-Down
Not Allowed
Not Allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com