Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF641A Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT25DF641A
Description  64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF641A Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT25DF641A Datasheet HTML 18Page - ATMEL Corporation AT25DF641A Datasheet HTML 19Page - ATMEL Corporation AT25DF641A Datasheet HTML 20Page - ATMEL Corporation AT25DF641A Datasheet HTML 21Page - ATMEL Corporation AT25DF641A Datasheet HTML 22Page - ATMEL Corporation AT25DF641A Datasheet HTML 23Page - ATMEL Corporation AT25DF641A Datasheet HTML 24Page - ATMEL Corporation AT25DF641A Datasheet HTML 25Page - ATMEL Corporation AT25DF641A Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 57 page
background image
22
8693A–DFLASH–8/10
Atmel AT25DF641A [Preliminary]
A23-A0 will be set to the logical “1” state, and the sector itself will then be protected from pro-
gram and erase operations. In addition, the WEL bit in the Status Register will be reset back to
the logical “0” state.
The complete three address bytes must be clocked into the device before the CS pin is deas-
serted, and the CS pin must be deasserted on an even byte boundary (multiples of eight bits);
otherwise, the device will abort the operation. When the device aborts the Protect Sector opera-
tion, the state of the Sector Protection Register will be unchanged, and the WEL bit in the Status
Register will be reset to a logical “0”.
As a safeguard against accidental or erroneous protecting or unprotecting of sectors, the Sector
Protection Registers can themselves be locked from updates by using the SPRL (Sector Protec-
tion Registers Locked) bit of the Status Register (please refer to the Status Register description
for more details). If the Sector Protection Registers are locked, then any attempts to issue the
Protect Sector command will be ignored, and the device will reset the WEL bit in the Status Reg-
ister back to a logical “0” and return to the idle state once the CS pin has been deasserted.
Figure 9-3.
Protect Sector
9.4
Unprotect Sector
Issuing the Unprotect Sector command to a particular sector address will reset the correspond-
ing Sector Protection Register to the logical “0” state (see Table 9-1 for Sector Protection
Register values). Every physical sector of the device has a corresponding single-bit Sector Pro-
tection Register that is used to control the software protection of a sector.
Before the Unprotect Sector command can be issued, the Write Enable command must have
been previously issued to set the WEL bit in the Status Register to a logical “1”. To issue the
Unprotect Sector command, the CS pin must first be asserted and the opcode of 39h must be
clocked into the device. After the opcode has been clocked in, the three address bytes designat-
ing any address within the sector to be unprotected must be clocked in. Any additional data
clocked into the device after the address bytes will be ignored. When the CS pin is deasserted,
the Sector Protection Register corresponding to the sector addressed by A23-A0 will be reset to
the logical “0” state, and the sector itself will be unprotected. In addition, the WEL bit in the Sta-
tus Register will be reset back to the logical “0” state.
The complete three address bytes must be clocked into the device before the CS pin is deas-
serted, and the CS pin must be deasserted on an even byte boundary (multiples of eight bits);
otherwise, the device will abort the operation, the state of the Sector Protection Register will be
unchanged, and the WEL bit in the Status Register will be reset to a logical “0”.
SCK
CS
SI
SO
MSB
MSB
23
1
0
00110110
67
5
410 11
9
812
31
29 30
27 28
26
OPCODE
AAAA
AAA
A A
A A A
ADDRESS BITS A23-A0
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com