Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF641A Datasheet(PDF) 44 Page - ATMEL Corporation

Part # AT25DF641A
Description  64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF641A Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button AT25DF641A Datasheet HTML 40Page - ATMEL Corporation AT25DF641A Datasheet HTML 41Page - ATMEL Corporation AT25DF641A Datasheet HTML 42Page - ATMEL Corporation AT25DF641A Datasheet HTML 43Page - ATMEL Corporation AT25DF641A Datasheet HTML 44Page - ATMEL Corporation AT25DF641A Datasheet HTML 45Page - ATMEL Corporation AT25DF641A Datasheet HTML 46Page - ATMEL Corporation AT25DF641A Datasheet HTML 47Page - ATMEL Corporation AT25DF641A Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 57 page
background image
44
8693A–DFLASH–8/10
Atmel AT25DF641A [Preliminary]
12.4
Resume from Deep Power-Down
In order to exit the Deep Power-Down mode and resume normal device operation, the Resume
from Deep Power-Down command must be issued. The Resume from Deep Power-Down com-
mand is the only command that the device will recognized while in the Deep Power-Down mode.
To resume from the Deep Power-Down mode, the CS pin must first be asserted and opcode of
ABh must be clocked into the device. Any additional data clocked into the device after the
opcode will be ignored. When the CS pin is deasserted, the device will exit the Deep Power-
Down mode within the maximum time of t
RDPD and return to the standby mode. After the device
has returned to the standby mode, normal command operations such as Read Array can be
resumed.
If the complete opcode is not clocked in before the CS pin is deasserted, or if the CS pin is not
deasserted on an even byte boundary (multiples of eight bits), then the device will abort the
operation and return to the Deep Power-Down mode.
Figure 12-4. Resume from Deep Power-Down
12.5
Hold
The HOLD pin is used to pause the serial communication with the device without having to stop
or reset the clock sequence. The Hold mode, however, does not have an affect on any internally
self-timed operations such as a program or erase cycle. Therefore, if an erase cycle is in prog-
ress, asserting the HOLD pin will not pause the operation, and the erase cycle will continue until
it is finished.
The Hold mode can only be entered while the CS pin is asserted. The Hold mode is activated
simply by asserting the HOLD pin during the SCK low pulse. If the HOLD pin is asserted during
the SCK high pulse, then the Hold mode won’t be started until the beginning of the next SCK low
pulse. The device will remain in the Hold mode as long as the HOLD pin and CS pin are
asserted.
While in the Hold mode, the SO pin will be in a high-impedance state. In addition, both the SI pin
and the SCK pin will be ignored. The WP pin, however, can still be asserted or deasserted while
in the Hold mode.
SCK
CS
SI
SO
MSB
ICC
23
1
0
10101011
67
5
4
OPCODE
HIGH-IMPEDANCE
Deep Power-Down Mode Current
Active Current
Standby Mode Current
tRDPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com