Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF641A Datasheet(PDF) 24 Page - ATMEL Corporation

Part # AT25DF641A
Description  64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF641A Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button AT25DF641A Datasheet HTML 20Page - ATMEL Corporation AT25DF641A Datasheet HTML 21Page - ATMEL Corporation AT25DF641A Datasheet HTML 22Page - ATMEL Corporation AT25DF641A Datasheet HTML 23Page - ATMEL Corporation AT25DF641A Datasheet HTML 24Page - ATMEL Corporation AT25DF641A Datasheet HTML 25Page - ATMEL Corporation AT25DF641A Datasheet HTML 26Page - ATMEL Corporation AT25DF641A Datasheet HTML 27Page - ATMEL Corporation AT25DF641A Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
24
8693A–DFLASH–8/10
Atmel AT25DF641A [Preliminary]
Essentially, if the SPRL bit of the Status Register is in the logical “0” state (Sector Protection
Registers are not locked), then writing a 00h to the first byte of the Status Register will perform a
Global Unprotect without changing the state of the SPRL bit. Similarly, writing a 7Fh to the first
byte of the Status Register will perform a Global Protect and keep the SPRL bit in the logical “0”
state. The SPRL bit can, of course, be changed to a logical “1” by writing an FFh if software-lock-
ing or hardware-locking is desired along with the Global Protect.
Table 9-2.
Valid SPRL and Global Protect/Unprotect Conditions
WP
State
Current
SPRL
Value
New Write Status
Register Byte 1
Data
Protection Operation
New
SPRL
Value
Bit
76543210
00
0x0000xx
0x0001xx
0x1110xx
0x1111xx
1x0000xx
1x0001xx
1x1110xx
1x1111xx
Global Unprotect – all Sector Protection Registers reset to 0
No change to current protection.
No change to current protection.
No change to current protection.
Global Protect – all Sector Protection Registers set to 1
Global Unprotect – all Sector Protection Registers reset to 0
No change to current protection.
No change to current protection.
No change to current protection.
Global Protect – all Sector Protection Registers set to 1
0
0
0
0
0
1
1
1
1
1
0
1
xxxxxxxx
No change to the current protection level. All sectors currently
protected will remain protected and all sectors currently unprotected
will remain unprotected.
The Sector Protection Registers are hard-locked and cannot be
changed when the WP pin is LOW and the current state of SPRL is 1.
Therefore, a Global Protect/Unprotect will not occur. In addition, the
SPRL bit cannot be changed (the WP pin must be HIGH in order to
change SPRL back to a 0).
10
0x0000xx
0x0001xx
0x1110xx
0x1111xx
1x0000xx
1x0001xx
1x1110xx
1x1111xx
Global Unprotect – all Sector Protection Registers reset to 0
No change to current protection.
No change to current protection.
No change to current protection.
Global Protect – all Sector Protection Registers set to 1
Global Unprotect – all Sector Protection Registers reset to 0
No change to current protection.
No change to current protection.
No change to current protection.
Global Protect – all Sector Protection Registers set to 1
0
0
0
0
0
1
1
1
1
1
11
0x0000xx
0x0001xx
0x1110xx
0x1111xx
1x0000xx
1x0001xx
1x1110xx
1x1111xx
No change to the current protection level. All sectors
currently protected will remain protected, and all sectors
currently unprotected will remain unprotected.
The Sector Protection Registers are soft-locked and cannot
be changed when the current state of SPRL is 1. Therefore,
a Global Protect/Unprotect will not occur. However, the
SPRL bit can be changed back to a 0 from a 1 since the WP
pin is HIGH. To perform a Global Protect/Unprotect, the
Write Status Register command must be issued again after
the SPRL bit has been changed froma1toa0.
0
0
0
0
0
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com