Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF641A Datasheet(PDF) 35 Page - ATMEL Corporation

Part # AT25DF641A
Description  64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF641A Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button AT25DF641A Datasheet HTML 31Page - ATMEL Corporation AT25DF641A Datasheet HTML 32Page - ATMEL Corporation AT25DF641A Datasheet HTML 33Page - ATMEL Corporation AT25DF641A Datasheet HTML 34Page - ATMEL Corporation AT25DF641A Datasheet HTML 35Page - ATMEL Corporation AT25DF641A Datasheet HTML 36Page - ATMEL Corporation AT25DF641A Datasheet HTML 37Page - ATMEL Corporation AT25DF641A Datasheet HTML 38Page - ATMEL Corporation AT25DF641A Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 57 page
background image
35
8693A–DFLASH–8/10
Atmel AT25DF641A [Preliminary]
Notes:
1. Only bits 4 and 3 of Status Register Byte 2 will be modified when using the Write Status Register Byte 2 command
2. R/W = Readable and writeable
R = Readable only
11.1.1
SPRL Bit
The SPRL bit is used to control whether the Sector Protection Registers can be modified or not.
When the SPRL bit is in the logical “1” state, all Sector Protection Registers are locked and can-
not be modified with the Protect Sector and Unprotect Sector commands (the device will ignore
these commands). In addition, the Global Protect and Global Unprotect features cannot be per-
formed. Any sectors that are presently protected will remain protected, and any sectors that are
presently unprotected will remain unprotected.
When the SPRL bit is in the logical “0” state, all Sector Protection Registers are unlocked and
can be modified (the Protect Sector and Unprotect Sector commands, as well as the Global Pro-
tect and Global Unprotect features, will be processed as normal). The SPRL bit defaults to the
logical “0” state after device power-up. The Reset command has no effect on the SPRL bit.
The SPRL bit can be modified freely whenever the WP pin is deasserted. However, if the WP pin
is asserted, then the SPRL bit may only be changed from a logical “0” (Sector Protection Regis-
ters are unlocked) to a logical “1” (Sector Protection Registers are locked). In order to reset the
SPRL bit back to a logical “0” using the Write Status Register Byte 1 command, the WP pin will
have to first be deasserted.
The SPRL bit is the only bit of Status Register Byte 1 that can be user modified via the Write Sta-
tus Register Byte 1 command.
Table 11-2.
Status Register Format – Byte 2
Bit(1)
Name
Type(2)
Description
7
RES
Reserved for future use
R
0
Reserved for future use.
6
RES
Reserved for future use
R
0
Reserved for future use.
5
RES
Reserved for future use
R
0
Reserved for future use.
4
RSTE
Reset Enabled
R/W
0
Reset command is disabled (default).
1
Reset command is enabled.
3
SLE
Sector Lockdown Enabled
R/W
0
Sector Lockdown and Freeze Sector Lockdown State
commands are disabled (default).
1
Sector Lockdown and Freeze Sector Lockdown State
commands are enabled.
2
PS
Program Suspend Status
R
0
No sectors are program suspended (default).
1
A sector is program suspended.
1
ES
Erase Suspend Status
R
0
No sectors are erase suspended (default).
1
A sector is erase suspended.
0
RDY/BSY
Ready/Busy Status
R
0
Device is ready.
1
Device is busy with an internal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com