Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF641A Datasheet(PDF) 26 Page - ATMEL Corporation

Part # AT25DF641A
Description  64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF641A Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button AT25DF641A Datasheet HTML 22Page - ATMEL Corporation AT25DF641A Datasheet HTML 23Page - ATMEL Corporation AT25DF641A Datasheet HTML 24Page - ATMEL Corporation AT25DF641A Datasheet HTML 25Page - ATMEL Corporation AT25DF641A Datasheet HTML 26Page - ATMEL Corporation AT25DF641A Datasheet HTML 27Page - ATMEL Corporation AT25DF641A Datasheet HTML 28Page - ATMEL Corporation AT25DF641A Datasheet HTML 29Page - ATMEL Corporation AT25DF641A Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 57 page
background image
26
8693A–DFLASH–8/10
Atmel AT25DF641A [Preliminary]
Figure 9-5.
Read Sector Protection Register
9.7
Protected States and the Write Protect (WP) Pin
The WP pin is not linked to the memory array itself and has no direct effect on the protection sta-
tus or lockdown status of the memory array. Instead, the WP pin, in conjunction with the SPRL
(Sector Protection Registers Locked) bit in the Status Register, is used to control the hardware
locking mechanism of the device. For hardware locking to be active, two conditions must be met-
the WP pin must be asserted and the SPRL bit must be in the logical “1” state.
When hardware locking is active, the Sector Protection Registers are locked and the SPRL bit
itself is also locked. Therefore, sectors that are protected will be locked in the protected state,
and sectors that are unprotected will be locked in the unprotected state. These states cannot be
changed as long as hardware locking is active, so the Protect Sector, Unprotect Sector, and
Write Status Register commands will be ignored. In order to modify the protection status of a
sector, the WP pin must first be deasserted, and the SPRL bit in the Status Register must be
reset back to the logical “0” state using the Write Status Register command. When resetting the
SPRL bit back to a logical “0”, it is not possible to perform a Global Protect or Global Unprotect
at the same time since the Sector Protection Registers remain soft-locked until after the Write
Status Register command has been executed.
If the WP pin is permanently connected to GND, then once the SPRL bit is set to a logical “1”,
the only way to reset the bit back to the logical “0” state is to power-cycle the device. This allows
a system to power-up with all sectors software protected but not hardware locked. Therefore,
sectors can be unprotected and protected as needed and then hardware locked at a later time
by simply setting the SPRL bit in the Status Register.
When the WP pin is deasserted, or if the WP pin is permanently connected to V
CC, the SPRL bit
in the Status Register can still be set to a logical “1” to lock the Sector Protection Registers. This
provides a software locking ability to prevent erroneous Protect Sector or Unprotect Sector com-
mands from being processed. When changing the SPRL bit to a logical “1” from a logical “0”, it is
also possible to perform a Global Protect or Global Unprotect at the same time by writing the
appropriate values into bits five, four, three, and two of the first byte of the Status Register.
Tables 9-4 and 9-5 detail the various protection and locking states of the device.
SCK
CS
SI
SO
MSB
MSB
23
1
0
00111100
67
5
410 11
9
812
37 38
33
36
35
34
31 32
29 30
39 40
OPCODE
AAAA
AAA
A A
MSB
MSB
DDDDDDD D
D
D
ADDRESS BITS A23-A0
DATA BYTE
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com