Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF641A Datasheet(PDF) 32 Page - ATMEL Corporation

Part # AT25DF641A
Description  64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF641A Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button AT25DF641A Datasheet HTML 28Page - ATMEL Corporation AT25DF641A Datasheet HTML 29Page - ATMEL Corporation AT25DF641A Datasheet HTML 30Page - ATMEL Corporation AT25DF641A Datasheet HTML 31Page - ATMEL Corporation AT25DF641A Datasheet HTML 32Page - ATMEL Corporation AT25DF641A Datasheet HTML 33Page - ATMEL Corporation AT25DF641A Datasheet HTML 34Page - ATMEL Corporation AT25DF641A Datasheet HTML 35Page - ATMEL Corporation AT25DF641A Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
32
8693A–DFLASH–8/10
Atmel AT25DF641A [Preliminary]
be programmed and will remain in the erased state (FFh). The programming of the data bytes is
internally self-timed and should take place in a time of t
OTPP. It is not possible to suspend the
programming of the OTP Security Register.
The three address bytes and at least one complete byte of data must be clocked into the device
before the CS pin is deasserted, and the CS pin must be deasserted on even byte boundaries
(multiples of eight bits); otherwise, the device will abort the operation and the user-programma-
ble portion of the OTP Security Register will not be programmed. The WEL bit in the Status
Register will be reset back to the logical “0” state if the OTP Security Register program cycle
aborts due to an incomplete address being sent, an incomplete byte of data being sent, the CS
pin being deasserted on uneven byte boundaries, or because the user-programmable portion of
the OTP Security Register was previously programmed.
While the device is programming the OTP Security Register, the Status Register can be read
and will indicate that the device is busy. For faster throughput, it is recommended that the Status
Register be polled rather than waiting the t
OTPP time to determine if the data bytes have finished
programming. At some point before the OTP Security Register programming completes, the
WEL bit in the Status Register will be reset back to the logical “0” state.
If the device is powered-down during the OTP Security Register program cycle, then the con-
tents of the 64-byte user programmable portion of the OTP Security Register cannot be
guaranteed and cannot be programmed again.
The Program OTP Security Register command utilizes the internal 256-buffer for processing.
Therefore, the contents of the buffer will be altered from its previous state when this command is
issued.
Figure 10-4. Program OTP Security Register
SCK
CS
SI
SO
MSB
MSB
23
1
0
10011011
67
5
49
839
37 38
33
36
35
34
31 32
29 30
OPCODE
HIGH-IMPEDANCE
AA
AAA
A
MSB
DDDDDDD D
ADDRESS BITS A23-A0
DATA IN BYTE 1
MSB
DDDDDDD D
DATA IN BYTE n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com