Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF641A Datasheet(PDF) 36 Page - ATMEL Corporation

Part # AT25DF641A
Description  64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF641A Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button AT25DF641A Datasheet HTML 32Page - ATMEL Corporation AT25DF641A Datasheet HTML 33Page - ATMEL Corporation AT25DF641A Datasheet HTML 34Page - ATMEL Corporation AT25DF641A Datasheet HTML 35Page - ATMEL Corporation AT25DF641A Datasheet HTML 36Page - ATMEL Corporation AT25DF641A Datasheet HTML 37Page - ATMEL Corporation AT25DF641A Datasheet HTML 38Page - ATMEL Corporation AT25DF641A Datasheet HTML 39Page - ATMEL Corporation AT25DF641A Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
36
8693A–DFLASH–8/10
Atmel AT25DF641A [Preliminary]
11.1.2
EPE Bit
The EPE bit indicates whether the last erase or program operation completed successfully or
not. If at least one byte during the erase or program operation did not erase or program properly,
then the EPE bit will be set to the logical “1” state. The EPE bit will not be set if an erase or pro-
gram operation aborts for any reason such as an attempt to erase or program a protected region
or a locked down sector, an attempt to erase or program a suspended sector, or if the WEL bit is
not set prior to an erase or program operation. The EPE bit will be updated after every erase and
program operation.
11.1.3
WPP Bit
The WPP bit can be read to determine if the WP pin has been asserted or not.
11.1.4
SWP Bits
The SWP bits provide feedback on the software protection status for the device. There are three
possible combinations of the SWP bits that indicate whether none, some, or all of the sectors
have been protected using the Protect Sector command or the Global Protect feature. If the
SWP bits indicate that some of the sectors have been protected, then the individual Sector Pro-
tection Registers can be read with the Read Sector Protection Registers command to determine
which sectors are in fact protected.
11.1.5
WEL Bit
The WEL bit indicates the current status of the internal Write Enable Latch. When the WEL bit is
in the logical “0” state, the device will not accept any Byte/Page Program, erase, Protect Sector,
Unprotect Sector, Sector Lockdown, Freeze Sector Lockdown State, Program OTP Security
Register, or Write Status Register commands. The WEL bit defaults to the logical “0” state after
a device power-up or reset operation. In addition, the WEL bit will be reset to the logical “0” state
automatically under the following conditions:
• Write Disable operation completes successfully
• Write Status Register operation completes successfully or aborts
• Protect Sector operation completes successfully or aborts
• Unprotect Sector operation completes successfully or aborts
• Sector Lockdown operation completes successfully or aborts
• Freeze Sector Lockdown State operation completes successfully or aborts
• Program OTP Security Register operation completes successfully or aborts
• Byte/Page Program operation completes successfully or aborts
• Block Erase operation completes successfully or aborts
• Chip Erase operation completes successfully or aborts
• Hold condition aborts
If the WEL bit is in the logical “1” state, it will not be reset to a logical “0” if an operation aborts
due to an incomplete or unrecognized opcode being clocked into the device before the CS pin is
deasserted. In order for the WEL bit to be reset when an operation aborts prematurely, the entire
opcode for a Byte/Page Program, erase, Protect Sector, Unprotect Sector, Sector Lockdown,
Freeze Sector Lockdown State, Program OTP Security Register, or Write Status Register com-
mand must have been clocked into the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com