Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F64179HDFD Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # R5F64179HDFD
Description  RENESAS MCU
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64179HDFD Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button R5F64179HDFD Datasheet HTML 36Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 37Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 38Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 39Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 40Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 41Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 42Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 43Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 114 page
background image
REJ03B0254-0110
Rev.1.10
Page 40 of 111
Jun 23, 2010
R32C/117 Group
4. Special Function Registers (SFRs)
Table 4.10
SFR List (10)
Address
Register
Symbol
Reset Value
0001D0h
0001D1h
0001D2h
0001D3h
0001D4h UART6 Special Mode Register 4
U6SMR4
00h
0001D5h UART6 Special Mode Register 3
U6SMR3
00h
0001D6h UART6 Special Mode Register 2
U6SMR2
00h
0001D7h UART6 Special Mode Register
U6SMR
00h
0001D8h UART6 Transmit/Receive Mode Register
U6MR
00h
0001D9h UART6 Bit Rate Register
U6BRG
XXh
0001DAh UART6 Transmit Buffer Register
U6TB
XXXXh
0001DBh
0001DCh UART6 Transmit/Receive Control Register 0
U6C0
0000 1000b
0001DDh UART6 Transmit/Receive Control Register 1
U6C1
0000 0010b
0001DEh UART6 Receive Buffer Register
U6RB
XXXXh
0001DFh
0001E0h UART7 Transmit/Receive Mode Register
U7MR
00h
0001E1h UART7 Bit Rate Register
U7BRG
XXh
0001E2h UART7 Transmit Buffer Register
U7TB
XXXXh
0001E3h
0001E4h UART7 Transmit/Receive Control Register 0
U7C0
00X0 1000b
0001E5h UART7 Transmit/Receive Control Register 1
U7C1
XXXX 0010b
0001E6h UART7 Receive Buffer Register
U7RB
XXXXh
0001E7h
0001E8h UART8 Transmit/Receive Mode Register
U8MR
00h
0001E9h UART8 Bit Rate Register
U8BRG
XXh
0001EAh UART8 Transmit Buffer Register
U8TB
XXXXh
0001EBh
0001ECh UART8 Transmit/Receive Control Register 0
U8C0
00X0 1000b
0001EDh UART8 Transmit/Receive Control Register 1
U8C1
XXXX 0010b
0001EEh UART8 Receive Buffer Register
U8RB
XXXXh
0001EFh
0001F0h UART7, UART8 Transmit/Receive Control Register 2
U78CON
X000 0000b
0001F1h
0001F2h
0001F3h
0001F4h
0001F5h
0001F6h
0001F7h
0001F8h
0001F9h
0001FAh
0001FBh
0001FCh
0001FDh
0001FEh
0001FFh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com