Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F64179HDFD Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # R5F64179HDFD
Description  RENESAS MCU
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64179HDFD Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button R5F64179HDFD Datasheet HTML 85Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 86Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 87Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 88Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 89Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 90Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 91Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 92Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 114 page
background image
REJ03B0254-0110
Rev.1.10
Page 89 of 111
Jun 23, 2010
R32C/117 Group
5. Electrical Characteristics
VCC =5V
Timing Requirements (VCC = 4.2 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Note:
1.
The value is calculated by the following formulas based on a value SSC set by bits SSC4 to SSC0 in
the I2CSSCR register:
th(SDA-SCL)S = SSC ÷ 2 × tc(φIIC) + 40 [ns]
tsu(SCL-SDA)P = (SSC ÷ 2 + 1) × tc(φIIC) + 40 [ns]
tw(SDAH)P = (SSC + 1) × tc(φIIC) + 40 [ns]
Table 5.34
Multi-master I2C-bus Interface
Symbol
Characteristic
Value
Unit
Standard-mode
Fast-mode
Min.
Max.
Min.
Max.
tw(SCLH)
MSCL input high level pulse width
600
600
ns
tw(SCLL)
MSCL input low level pulse width
600
600
ns
tr(SCL)
MSCL input rise time
1000
300
ns
tf(SCL)
MSCL input fall time
300
300
ns
tr(SDA)
MSDA input rise time
1000
300
ns
tf(SDA)
MSDA input fall time
300
300
ns
th(SDA-SCL)S
MSCL high level hold time after start
condition/restart condition
(1)
2 × tc(φIIC) + 40
ns
tsu(SCL-SDA)P
MSCL high level setup time for
restart condition/stop condition
(1)
2 × tc(φIIC) + 40
ns
tw(SDAH)P
MSDA high level pulse width after
stop condition
(1)
4 × tc(φIIC) + 40
ns
tsu(SDA-SCL)
MSDA input setup time
100
100
ns
th(SCL-SDA)
MSDA input hold time
00
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com