Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F64179HDFD Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # R5F64179HDFD
Description  RENESAS MCU
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64179HDFD Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button R5F64179HDFD Datasheet HTML 70Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 71Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 72Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 73Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 74Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 75Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 76Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 77Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 114 page
background image
REJ03B0254-0110
Rev.1.10
Page 74 of 111
Jun 23, 2010
R32C/117 Group
5. Electrical Characteristics
Note:
1.
The device is operationally guaranteed under these operating conditions.
Figure 5.1
Clock Cycle Time
Table 5.5
Operating Conditions (4/5)
(VCC = 3.0 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted) (1)
Symbol
Characteristic
Value
Unit
Min.
Typ.
Max.
f(XIN)
Main clock oscillator frequency
416
MHz
f(XRef)
Reference clock frequency
24
MHz
f(PLL)
PLL clock oscillator frequency
96
128
MHz
f(Base)
Base clock frequency
High speed
64
MHz
Normal speed
50
MHz
tc(Base)
Base clock cycle time
High speed
15.625
ns
Normal speed
20
ns
f(CPU)
CPU operating frequency
High speed
64
MHz
Normal speed
50
MHz
tc(CPU)
CPU clock cycle time
High speed
15.625
ns
Normal speed
20
ns
f(BCLK)
Peripheral bus clock operating frequency High speed
32
MHz
Normal speed
25
MHz
tc(BCLK)
Peripheral bus clock cycle time
High speed
31.25
ns
Normal speed
40
ns
f(PER)
Peripheral clock source frequency
32
MHz
f(XCIN)
Sub clock oscillator frequency
32.768
62.5
kHz
Base clock
(Internal signal)
t c(Base)
Peripheral bus clock
(Internal signal)
t c(BCLK)
CPU clock
(Internal signal)
t c(CPU)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com