Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F64179HDFD Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R5F64179HDFD
Description  RENESAS MCU
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64179HDFD Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R5F64179HDFD Datasheet HTML 4Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 5Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 6Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 7Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 8Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 9Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 10Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 11Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 114 page
background image
REJ03B0254-0110
Rev.1.10
Page 8 of 111
Jun 23, 2010
R32C/117 Group
1. Overview
Notes:
1.
The old package codes are as follows:PLQP0100KB-A: 100P6Q-A, PLQP0144KA-A: 144P6Q-A
2.
Data flash memory provides an additional 8 Kbytes of ROM capacity.
Table 1.7
R32C/117 Group Product List for High Speed Version (3/4)
As of June, 2010
Part Number
Package Code (1)
ROM Capacity (2)
RAM Capacity
Remarks
R5F6417BHNFB
(P)
PLQP0100KB-A
128 Kbytes
+ 8 Kbytes
20 Kbytes
-20°C to 85°C (version N)
R5F6417BHDFB
(D)
-40°C to 85°C (version D)
R5F6417BHPFB
(P)
-40°C to 85°C (version P)
R5F6417AHNFB
(P)
PLQP0100KB-A
256 Kbytes
+ 8 Kbytes
-20°C to 85°C (version N)
R5F6417AHDFB
(D)
-40°C to 85°C (version D)
R5F6417AHPFB
(P)
-40°C to 85°C (version P)
R5F64175HNFD
(P)
PLQP0144KA-A
384 Kbytes
+ 8 Kbytes
40 Kbytes
-20°C to 85°C (version N)
R5F64175HDFD
(D)
-40°C to 85°C (version D)
R5F64175HPFD
(D)
-40°C to 85°C (version P)
R5F64175HNFB
(P)
PLQP0100KB-A
-20°C to 85°C (version N)
R5F64175HDFB
(D)
-40°C to 85°C (version D)
R5F64175HPFB
(D)
-40°C to 85°C (version P)
R5F64176HNFD
(P)
PLQP0144KA-A
512 Kbytes
+ 8 Kbytes
-20°C to 85°C (version N)
R5F64176HDFD
(D)
-40°C to 85°C (version D)
R5F64176HPFD
(D)
-40°C to 85°C (version P)
R5F64176HNFB
(P)
PLQP0100KB-A
-20°C to 85°C (version N)
R5F64176HDFB
(D)
-40°C to 85°C (version D)
R5F64176HPFB
(D)
-40°C to 85°C (version P)
R5F64177HNFD
(P)
PLQP0144KA-A
640 Kbytes
+ 8 Kbytes
48 Kbytes
-20°C to 85°C (version N)
R5F64177HDFD
(D)
-40°C to 85°C (version D)
R5F64177HPFD
(D)
-40°C to 85°C (version P)
R5F64177HNFB
(P)
PLQP0100KB-A
-20°C to 85°C (version N)
R5F64177HDFB
(D)
-40°C to 85°C (version D)
R5F64177HPFB
(D)
-40°C to 85°C (version P)
(D): Under development (P): On planning phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com