Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F64179HDFD Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # R5F64179HDFD
Description  RENESAS MCU
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64179HDFD Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button R5F64179HDFD Datasheet HTML 67Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 68Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 69Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 70Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 71Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 72Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 73Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 74Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 114 page
background image
REJ03B0254-0110
Rev.1.10
Page 71 of 111
Jun 23, 2010
R32C/117 Group
5. Electrical Characteristics
Notes:
1.
The device is operationally guaranteed under these operating conditions.
2.
VIH and VIL for P8_7 are specified for P8_7 as a programmable port. These values are not applicable
to P8_7 as XCIN.
3.
Ports P9_0, P9_2, and P11 to P15 are available in the 144-pin package only. Port P9_1 is designated
as input pin in the 100-pin package.
Table 5.2
Operating Conditions (1/5) (1)
Symbol
Characteristic
Value
Unit
Min.
Typ.
Max.
VCC
Digital supply voltage
3.0
5.0
5.5
V
AVCC
Analog supply voltage
VCC
V
VREF
Reference voltage
3.0
VCC
V
VSS
Digital ground voltage
0V
AVSS
Analog ground voltage
0V
dVCC/dt VCC ramp up rate (VCC < 2.0 V)
0.05
V/ms
VIH
High level
input
voltage
XIN,
RESET, CNVSS, NSD, P2_0 to P2_7,
P3_0 to P3_7, P5_0 to P5_3, P8_4 to P8_7 (2),
P9_0 to P9_7, P10_0 to P10_7,
P11_0 to P11_4, P14_1, P14_3 to P14_6,
P15_0 to P15_7 (3)
0.8 × VCC
VCC
V
P4_0 to P4_7, P5_4 to P5_7, P6_0 to P6_7,
P7_0 to P7_7, P8_0 to P8_3
0.8 × VCC
6.0
V
P0_0 to P0_7,
P1_0 to P1_7,
P12_0 to P12_7,
P13_0 to P13_7
(3)
in single-chip mode
0.8 × VCC
VCC
V
in memory expansion mode
or microprocessor mode
0.5 × VCC
VCC
V
VIL
Low level
input
voltage
XIN,
RESET, CNVSS, NSD, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7 (2),
P9_0 to P9_7, P10_0 to P10_7,
P11_0 to P11_4, P14_1, P14_3 to P14_6,
P15_0 to P15_7 (3)
0
0.2 × VCC
V
P0_0 to P0_7,
P1_0 to P1_7,
P12_0 to P12_7,
P13_0 to P13_7
(3)
in single-chip mode
0
0.2 × VCC
V
in memory expansion mode
or microprocessor mode
0
0.16 × VCC V
Topr
Operating
temperature
range
Version N
-20
85
°C
Version D
-40
85
°C
Version P
-40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com