Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F64179HDFD Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # R5F64179HDFD
Description  RENESAS MCU
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64179HDFD Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button R5F64179HDFD Datasheet HTML 28Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 29Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 30Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 31Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 32Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 33Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 34Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 35Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 114 page
background image
REJ03B0254-0110
Rev.1.10
Page 32 of 111
Jun 23, 2010
R32C/117 Group
4. Special Function Registers (SFRs)
Table 4.2
SFR List (2)
Address
Register
Symbol
Reset Value
000060h
000061h Timer B5 Interrupt Control Register
TB5IC
XXXX X000b
000062h UART5 Transmit/NACK Interrupt Control Register
S5TIC
XXXX X000b
000063h UART2 Receive/ACK Interrupt Control Register/I2C Bus Line
Interrupt Control Register
S2RIC/I2CLIC
XXXX X000b
000064h UART6 Transmit/NACK Interrupt Control Register
S6TIC
XXXX X000b
000065h UART3 Receive/ACK Interrupt Control Register
S3RIC
XXXX X000b
000066h UART5/6 Bus Collision, Start Condition/Stop Condition
Detection Interrupt Control Register
BCN5IC/BCN6IC
XXXX X000b
000067h UART4 Receive/ACK Interrupt Control Register
S4RIC
XXXX X000b
000068h DMA0 Transfer Complete Interrupt Control Register
DM0IC
XXXX X000b
000069h UART0/3 Bus Collision, Start Condition/Stop Condition
Detection Interrupt Control Register
BCN0IC/BCN3IC
XXXX X000b
00006Ah DMA2 Transfer Complete Interrupt Control Register
DM2IC
XXXX X000b
00006Bh A/D Converter 0 Convert Completion Interrupt Control Register
AD0IC
XXXX X000b
00006Ch Timer A0 Interrupt Control Register
TA0IC
XXXX X000b
00006Dh Intelligent I/O Interrupt Control Register 0
IIO0IC
XXXX X000b
00006Eh Timer A2 Interrupt Control Register
TA2IC
XXXX X000b
00006Fh Intelligent I/O Interrupt Control Register 2
IIO2IC
XXXX X000b
000070h Timer A4 Interrupt Control Register
TA4IC
XXXX X000b
000071h Intelligent I/O Interrupt Control Register 4
IIO4IC
XXXX X000b
000072h UART0 Receive/ACK Interrupt Control Register
S0RIC
XXXX X000b
000073h Intelligent I/O Interrupt Control Register 6
IIO6IC
XXXX X000b
000074h UART1 Receive/ACK Interrupt Control Register
S1RIC
XXXX X000b
000075h Intelligent I/O Interrupt Control Register 8
IIO8IC
XXXX X000b
000076h Timer B1 Interrupt Control Register
TB1IC
XXXX X000b
000077h Intelligent I/O Interrupt Control Register 10
IIO10IC
XXXX X000b
000078h Timer B3 Interrupt Control Register
TB3IC
XXXX X000b
000079h
00007Ah INT5 Interrupt Control Register
INT5IC
XX00 X000b
00007Bh CAN0 Wake-up Interrupt Control Register
C0WIC
XXXX X000b
00007Ch INT3 Interrupt Control Register
INT3IC
XX00 X000b
00007Dh
00007Eh INT1 Interrupt Control Register
INT1IC
XX00 X000b
00007Fh
000080h
000081h UART2 Transmit/NACK Interrupt Control Register/I2C-Bus
Interrupt Control Register
S2TIC/I2CIC
XXXX X000b
000082h UART5 Receive/ACK Interrupt Control Register
S5RIC
XXXX X000b
000083h UART3 Transmit/NACK Interrupt Control Register
S3TIC
XXXX X000b
000084h UART6 Receive/ACK Interrupt Control Register
S6RIC
XXXX X000b
000085h UART4 Transmit/NACK Interrupt Control Register
S4TIC
XXXX X000b
000086h
000087h UART2 Bus Collision, Start Condition/Stop Condition Detection
Interrupt Control Register
BCN2IC
XXXX X000b
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com