Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F64179HDFD Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R5F64179HDFD
Description  RENESAS MCU
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64179HDFD Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R5F64179HDFD Datasheet HTML 7Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 8Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 9Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 10Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 11Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 12Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 13Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 14Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 114 page
background image
REJ03B0254-0110
Rev.1.10
Page 11 of 111
Jun 23, 2010
R32C/117 Group
1. Overview
1.3
Block Diagram
Figure 1.2 shows a block diagram of the R32C/117 Group.
Figure 1.2
R32C/117 Group Block Diagram
Port P0
Port P1
Port P2
Port P3
Port P4
Port P5
Port P6
8
8
8
8
8
8
8
Peripheral functions
Timer:
Timer A 16 bits × 5 timers
Timer B 16 bits × 6 timers
Three-phase motor
controller
Watchdog timer:
15 bits
D/A converter:
8 bits × 2 channels
A/D converter:
10 bits × 1 circuit
Standard: 10 inputs
Maximum: 34 inputs (1)
Serial interface:
9 channels
X-Y converter:
16 bits × 16 bits
Clock generator:
4 circuits
- XIN-XOUT
- XCIN-XCOUT
- On-chip oscillator
- PLL frequency synthesizer
DMAC
CRC calculator (CCITT)
X16 + X12 + X5 + 1
Intelligent I/O
Time Measurement: 16
Wave generation: 24 (2)
Serial interface:
- Variable-length
synchronous serial I/O
- IEBus
R32C/100 Series CPU Core
R2R0
R3R1
R6R4
R7R5
A0
A1
A2
A3
FB
SB
FLG
INTB
ISP
USP
PC
SVF
SVP
VCT
R2R0
R3R1
R6R4
R7R5
A0
A1
A2
A3
FB
SB
Memory
ROM
RAM
Multiplier
Port P14
Port P14_1
Port P11
Port P12
Port P13
4
5
8
8
DMAC II
Floating-point unit
Port P15
8
(Note 4)
Notes:
1. 34 inputs are available in the 144-pin package. In the 100-pin package, up to 26 inputs are provided.
2. 24 outputs are available in the 144-pin package. In the 100-pin package, 19 outputs are provided.
3. Eight ports are available in the 144-pin package. In the 100-pin package, five I/O ports and one input-
only port (P9_1) are provided.
4. Ports P11 to P15 are available in the 144-pin package only.
Multi-master I2C-bus
interface:
1 channel
CAN module:
1 channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com