Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F64179HDFD Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # R5F64179HDFD
Description  RENESAS MCU
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64179HDFD Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button R5F64179HDFD Datasheet HTML 21Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 22Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 23Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 24Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 25Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 26Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 27Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 28Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 114 page
background image
REJ03B0254-0110
Rev.1.10
Page 25 of 111
Jun 23, 2010
R32C/117 Group
1. Overview
Table 1.20
Pin Specifications
Notes:
1.
Pull-up resistors are selected in 4-pin units, but are only enabled for those pins set as input ports.
2.
N-channel open drain output can be enabled on the applicable pins on a discrete pin basis.
3.
5 V tolerant input is enabled when an applicable pin is set as an input port. When it is set as an I/O
port, to enable 5 V tolerant input, this pin should be set as N-channel open drain output.
Pin names
Package
Selectable Functions
5 V tolerant input (3)
144-
pin
100-
pin
Pull-up resistor (1)
N-channel
open drain (2)
P0_0 to P0_7
P1_0 to P1_7
P2_0 to P2_7
P3_0 to P3_7
P4_0 to P4_7
P5_0 to P5_3
P5_4 to P5_7
P6_0 to P6_7
P7_0 to P7_7
P8_0 to P8_3
P8_4, P8_6, P8_7
P9_0 to P9_3 (144-pin)
P9_1, P9_3 (100-pin)
P9_4 to P9_7
P10_0 to P10_7
P11_0 to P11_3
P11_4
P12_0 to P12_3
P12_4 to P12_7
P13_0 to P13_7
P14_1, P14_3
P14_4 to P14_6
P15_0 to P15_7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com