Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F64179HDFD Datasheet(PDF) 105 Page - Renesas Technology Corp

Part # R5F64179HDFD
Description  RENESAS MCU
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64179HDFD Datasheet(HTML) 105 Page - Renesas Technology Corp

Back Button R5F64179HDFD Datasheet HTML 101Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 102Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 103Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 104Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 105Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 106Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 107Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 108Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 114 page
background image
REJ03B0254-0110
Rev.1.10
Page 105 of 111
Jun 23, 2010
R32C/117 Group
5. Electrical Characteristics
VCC =3.3 V
Switching Characteristics (VCC = 3.0 to 3.6 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Note:
1.
External circuits are required to satisfy the I2C-bus specification.
Table 5.63
Serial Interface
Symbol
Characteristic
Measurement
condition
Value
Unit
Min.
Max.
td(C-Q)
TXDi output delay time
Refer to
Figure 5.6
80
ns
th(C-Q)
TXDi output hold time
0ns
Table 5.64
Intelligent I/O
Symbol
Characteristic
Measurement
condition
Value
Unit
Min.
Max.
td(ISCLK2-TXD)
ISTXD2 output delay time
Refer to
Figure 5.6
180
ns
th(ISCLK2-RXD) ISTXD2 output hold time
0ns
Table 5.65
Multi-master I2C-bus Interface (Standard-mode)
Symbol
Characteristic
Measurement
condition
Value
Unit
Min.
Max.
tf(SCL)
MSCL output fall time
Refer to
Figure 5.6
2ns
tf(SDA)
MSDA output fall time
2ns
td(SDA-SCL)S MSCL output delay time after start
condition/restart condition
20 × tc(φIIC) - 120 52 × tc(φIIC) - 40
ns
td(SCL-SDA)P Restart condition/stop condition
output delay time after MSCL
becomes high
20 × tc(φIIC) + 40 52 × tc(φIIC) + 120 ns
td(SCL-SDA) MSDA output delay time
2 ×tc(φIIC) + 40
3 × tc(φIIC) + 120
ns
Table 5.66
Multi-master I2C-bus Interface (Fast-mode)
Symbol
Characteristic
Measurement
condition
Value
Unit
Min.
Max.
tf(SCL)
MSCL output fall time
Refer to
Figure 5.6
2 (1)
ns
tf(SDA)
MSDA output fall time
2 (1)
ns
td(SDA-SCL)S MSCL output delay time after start
condition/restart condition
10 × tc(φIIC) - 120 26 × tc(φIIC) - 40
ns
td(SCL-SDA)P Restart condition/stop condition
output delay time after MSCL
becomes high
10 × tc(φIIC) + 40 26 × tc(φIIC) + 120 ns
td(SCL-SDA) MSDA output delay time
2 × tc(φIIC) + 40 3 × tc(φIIC) + 120
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com