Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F64179HDFD Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # R5F64179HDFD
Description  RENESAS MCU
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64179HDFD Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button R5F64179HDFD Datasheet HTML 106Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 107Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 108Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 109Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 110Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 111Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 112Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 113Page - Renesas Technology Corp R5F64179HDFD Datasheet HTML 114Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 112 / 114 page
background image
A- 1
Revision History
R32C/117 Group Datasheet
Rev.
Date
Description
Page
Summary
1.00
Nov 19, 2009
—
Initial release
1.01
Mar 11, 2010
—
Second edition released
—
• Added “128 KB/20KB” and “256KB/20KB” for ROM/RAM capacity
1.10
Jun 23, 2010
—
Third edition released
This manual in general
—
• Applied new Renesas templates and formats to the manual
• Changed company name to “Renesas Electronics Corporation” and
changed related descriptions due to business merger of Renesas
Technology Corporation and NEC Electronics Corporation (under
Chapters 1 and 5)
• Added specifications of 64 MHz version
Chapter 1. Overview
3, 5
• Deleted Note 1 from Tables 1.2 and 1.4
6
• Completed “under development” phase of part number R5F6417BDFB
in Table 1.5
11
• Deleted Note 4 from Figure 1.2
21
• Modified expression “fC” in Table 1.16 to “low speed clocks”
Chapter 4. SFRs
36, 39
• Changed register name “Group i Timer Measurement Prescaler
Register” in Tables 4.6 and 4.9 to “Group i Time Measurement
Prescaler Register”
41
• Modified expression “XY Control Register” in Table 4.11 to “X-Y
Control Register”
43
• Changed register name “UART2 Transmission/Receive Mode
Register” in Table 4.13 to “UART2 Transmit/Receive Mode Register”;
Changed hexadecimal format of reset values for registers TABSR,
ONSF, and TRGSR to binary
54
• Changed register name “External Interrupt Source Select Register i” in
Table 4.24
to “External Interrupt Request Source Select Register i”
69
• Modified register names “CAN0 Reception Error Count Register” and
“CAN0 Transmission Error Count Register” in Table 4.39 to “CAN0
Receive Error Count Register” and “CAN0 Transmit Error Count
Register”, respectively
Chapter 5. Electrical Characteristics
79
• Changed expressions “
CS0” and “A23 to A0, BC3 to BC0” in Figure
5.5
to “Chip select” and “Address”, respectively
Appendix 1. Package Dimensions
111
• Added a seating plane to the drawing of package dimension
All trademarks and registered trademarks are the property of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com