Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS26521 Datasheet(PDF) 75 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 75 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 71Page - Maxim Integrated Products DS26521 Datasheet HTML 72Page - Maxim Integrated Products DS26521 Datasheet HTML 73Page - Maxim Integrated Products DS26521 Datasheet HTML 74Page - Maxim Integrated Products DS26521 Datasheet HTML 75Page - Maxim Integrated Products DS26521 Datasheet HTML 76Page - Maxim Integrated Products DS26521 Datasheet HTML 77Page - Maxim Integrated Products DS26521 Datasheet HTML 78Page - Maxim Integrated Products DS26521 Datasheet HTML 79Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
75 of 258
8.11.3.5
ANSI T1.231 for T1 and J1 Modes
For short-haul mode, loss is declared if the received signal level is 3dB lower from the programmed value (based
on Table 9-19) for a duration of 192-bit periods. Hence, if the sensitivity is programmed to be 12dB, loss will be
declared at 15dB. LOS is reset if the following criteria are met:
1) 24 or more ones are detected in 192-bit period with a programmed sensitivity level measured at RTIP and
RRING.
2) During the 192 bits, fewer than 100 consecutive zeros are detected.
For long-haul mode, loss is detected if the received signal level is 3dB lower from the programmed value (based on
Table 9-19) for a duration of 192-bit periods. Hence, if the sensitivity is programmed at 30dB, loss declaration level
will be 33dB. LOS is reset if the following criteria are met:
1) 24 or more ones are detected in 192-bit period with a programmed sensitivity level measured at RTIP and
RRING.
2) During the 192 bits, fewer than 100 consecutive zeros are detected.
8.11.3.6
ITU-T G.775 for E1 Modes
For short-haul mode, loss is declared if the received signal level is 3dB lower from the programmed value (based
on Table 9-19) for a duration of 192-bit periods. Hence, if the sensitivity is programmed to be 12dB, loss will be
declared at 15dB. LOS is reset if the receive signal level is greater than or equal to the programmed sensitivity
level for a duration of 192-bit periods.
For long-haul mode, loss is detected if the received signal level is 3dB lower from the programmed value (based on
Table 9-19) for a duration of 192-bit periods. Hence, if the sensitivity is programmed at 30dB, loss declaration level
will be 33dB. LOS is reset if the receive signal level is greater than or equal to the programmed sensitivity level for
a duration of 192-bit periods.
8.11.3.7
ETS 200 233 for E1 Modes
For short-haul mode, loss is declared if the received signal level is 3dB lower from the programmed value (based
on Table 9-19) continuous duration of 2048-bit periods (1ms). LOS is reset if the receive signal level is greater than
or equal to programmed sensitivity level for a duration of 192-bit periods.
For long-haul mode, loss is declared if the received signal level is 3dB lower from the programmed value (based on
Table 9-19) continuous duration of 2048-bit periods (1ms). LOS is reset if the receive signal level is greater than or
equal to the programmed sensitivity level for a duration of 192-bit periods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com