Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS26521 Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 19Page - Maxim Integrated Products DS26521 Datasheet HTML 20Page - Maxim Integrated Products DS26521 Datasheet HTML 21Page - Maxim Integrated Products DS26521 Datasheet HTML 22Page - Maxim Integrated Products DS26521 Datasheet HTML 23Page - Maxim Integrated Products DS26521 Datasheet HTML 24Page - Maxim Integrated Products DS26521 Datasheet HTML 25Page - Maxim Integrated Products DS26521 Datasheet HTML 26Page - Maxim Integrated Products DS26521 Datasheet HTML 27Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
23 of 258
NAME
PIN
TYPE
FUNCTION
D[2]/
SPI_SCLK
31
I
Data [2]/SPI Serial Interface Clock
D[2]: Bit 2 of the 8-bit data bus used to input data during register writes, and data
outputs during register reads. Not driven when
CSB = 1.
SPI_SCLK:
SPI serial clock input when SPI_SEL = 1.
D[1]/
SPI_MOSI
32
I
Data [1]/SPI Serial Interface Data Master-Out/Slave-In
D[1]: Bit 1 of the 8-bit data bus used to input data during register writes, and data
outputs during register reads. Not driven when
CSB = 1.
SPI_MOSI:
SPI serial data input (master-out/slave-in) when SPI_SEL = 1.
D[0]/
SPI_MISO
33
I
Data [0]/SPI Serial Interface Data Master-In/Slave-Out
D[0]: Bit 0 of the 8-bit data bus used to input data during register writes, and data
outputs during register reads. Not driven when
CSB = 1.
SPI_MISO:
SPI serial data output (master-in/slave-out) when SPI_SEL = 1.
CSB
34
I
Chip-Select Bar.
This active-low signal is used to qualify register read/write
accesses. The
RDB/DSB and WRB signals are qualified with CSB.
RDB/
DSB
35
I
Read-Data Bar/Data-Strobe Bar.
This active-low signal along with
CSB qualifies
read access to one of the DS26521 registers. The DS26521 drives the data bus
with the contents of the addressed register while
RDB and CSB are low.
WRB/
RWB
36
I
Write-Read Bar/Read-Write Bar.
This active-low signal along with
CSB qualifies
write access to one of the DS26521 registers. Data at D[7:0] is written into the
addressed register at the rising edge of
WRB while CSB is low.
SPI_SEL
1
I
SPI Serial Bus Mode Select
SPI: 0 = Parallel Bus Mode, 1 = SPI Serial Bus Mode
INTB
37
U
Interrupt Bar.
This active-low, open-drain output is asserted when an unmasked
interrupt event is detected.
INTB will be deasserted when all interrupts have been
acknowledged and serviced. Extensive mask bits are provided at the global level,
framer, LIU, and BERT level.
BTS
2
I
Bus Type Select.
Set high to select Motorola bus timing, low to select Intel bus
timing. This pin controls the function of the
RDB/DSB and WRB pins.
SYSTEM INTERFACE
MCLK
39
I
Master Clock.
This is an independent free-running clock whose input can be a
multiple of 2.048MHz ±50ppm or 1.544MHz ±50ppm. The clock selection is
available by bits MPS0 and MPS1 and FREQSEL. Multiple of 2.048MHz can be
internally adapted to 1.544MHz. Multiple of 1.544MHz can be adapted to
2.048MHz. Note that TCLK must be 2.048MHz for E1 and 1.544MHz for T1/J1
operation. See Table 9-12.
RESETB
38
I
Reset Bar.
Active-low reset. This input forces the complete DS26521 reset. This
includes reset of the registers, framers, and LIUs.
REFCLKIO
42
I/O
Reference Clock Input/Output
Input:
A 2.048MHz or 1.544MHz clock input. This clock can be used to generate
the backplane clock. This allows for the users to synchronize the system
backplane with the reference clock. The other options for the backplane clock
reference are LIU-received clocks or MCLK.
Output:
This signal can also be used to output a 1.544MHz or 2.048MHz reference
clock. This allows for multiple DS26521s to share the same reference for
generation of the backplane clock. Hence, in a system consisting of multiple
DS26521s, one can be a master and others a slave using the same reference
clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com