Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS26521 Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 25Page - Maxim Integrated Products DS26521 Datasheet HTML 26Page - Maxim Integrated Products DS26521 Datasheet HTML 27Page - Maxim Integrated Products DS26521 Datasheet HTML 28Page - Maxim Integrated Products DS26521 Datasheet HTML 29Page - Maxim Integrated Products DS26521 Datasheet HTML 30Page - Maxim Integrated Products DS26521 Datasheet HTML 31Page - Maxim Integrated Products DS26521 Datasheet HTML 32Page - Maxim Integrated Products DS26521 Datasheet HTML 33Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
29 of 258
8.3
Resets and Power-Down Modes
A hardware reset is issued by forcing the
RESETB pin to logic-low. The RESETB input pin resets all framers, LIUs,
and BERTs. Note that not all registers are cleared to 00h on a reset condition. The register space must be
reinitialized to appropriate values after a hardware or software reset has occurred. This includes writing
reserved locations to 00h.
The DS26521 has several features included to reduce power consumption. The LIU transmitter can be powered
down by setting the TPDE bit in the LIU Maintenance Control register (LMCR). Note that powering down the
transmit LIU results in a high-impedance state for the corresponding TTIP and TRING pins and reduced operating
current. The RPDE bit in the LMCR register can be used to power down the LIU receiver.
The TE (transmit enable) bit in the LMCR register can be used to disable the TTIP and TRING outputs and place
them in a high-impedance mode, while keeping the LIU in an active state (powered up). This is useful for
equipment protection-switching applications.
Table 8-1. Reset Functions
RESET FUNCTION
LOCATION
COMMENTS
Hardware Device Reset
RESETB
Transition to a logic 0 level resets the DS26521.
Hardware JTAG Reset
JTRST
Resets the JTAG test port.
Global Framer and BERT Reset
GFSRR.0
Writing to this bit resets the framer and BERT (transmit and
receive).
Global LIU Reset
GLSRR.0
Writing to this bit resets the associated LIU.
Framer Receive Reset
RMMR.1
Writing to this bit resets the receive framer.
Framer Transmit Reset
TMMR.1
Writing to this bit resets the transmit framer.
HDLC Receive Reset
RHC.6
Writing to this bit resets the receive HDLC controller.
HDLC Transmit Reset
THC1.5
Writing to this bit resets the transmit HDLC controller.
Elastic Store Receive Reset
RESCR.2
Writing to this bit resets the receive elastic store.
Elastic Store Transmit Reset
TESCR.2
Writing to this bit resets the transmit elastic store.
Bit Oriented Code Receive Reset
T1RBOCC.7
Writing to this bit resets the receive BOC controller.
Loop Code Integration Reset
T1RDNCD1,
T1RUPCD1
Writing to these registers resets the programmable in-band
code integration period.
Spare Code Integration Reset
T1RSCD1
Writing to this register resets the programmable in-band
code integration period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com