Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS26521 Datasheet(PDF) 30 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 30 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 26Page - Maxim Integrated Products DS26521 Datasheet HTML 27Page - Maxim Integrated Products DS26521 Datasheet HTML 28Page - Maxim Integrated Products DS26521 Datasheet HTML 29Page - Maxim Integrated Products DS26521 Datasheet HTML 30Page - Maxim Integrated Products DS26521 Datasheet HTML 31Page - Maxim Integrated Products DS26521 Datasheet HTML 32Page - Maxim Integrated Products DS26521 Datasheet HTML 33Page - Maxim Integrated Products DS26521 Datasheet HTML 34Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
30 of 258
8.4
Initialization and Configuration
8.4.1
Example Device Initialization Sequence
STEP 1: Reset the device by pulling the
RESETB pin low, applying power to the device, or by using the software
reset bits outlined in Section 8.3. Clear all reset bits. Allow time for the reset recovery.
STEP 2: Check the device ID in the Device Identification register (IDR).
STEP 3: Write the GTCCR register to correctly configure the system clocks. If supplying a 1.544MHz MCLK, follow
this write with at least a 300ns delay to allow the clock system to properly adjust.
STEP 4: Write the entire remainder of the register space with 00h, including reserved register locations.
STEP 5: Choose T1/J1 or E1 operation for the framers by configuring the T1/E1 bit in the TMMR and RMMR
registers for each framer. Set the FRM_EN bit to 1 in the TMMR and RMMR registers. If using software transmit
signaling in E1 mode, program the E1TAF and E1TNAF registers as required. Configure the framer Transmit
Control registers (TCR1:TCR4). Configure the Framer Receive Control registers (RCR1 (T1)/RCR1 (E1),
T1RCR2/E1RCR2, RCR3). Configure other framer features as appropriate.
STEP 6: Choose T1/J1 or E1 operation for the LIUs by configuring the T1J1E1S bit in the LTRCR register.
Configure the line build-out for each LIU. Configure other LIU features as appropriate. Set the TE bit to turn on the
TTIP and TRING outputs.
STEP 7: Configure the elastic stores, HDLC controller, and BERT as needed.
STEP 8: Set the INIT_DONE bit in the TMMR and RMMR registers for each framer.
8.5
Global Resources
A set of global registers are located at 0F0h–0FFh and include global resets, global interrupt status, interrupt
masking, clock configuration, and the device ID registers. See the global register definitions in Table 9-2. A
common JTAG controller is used.
8.6
Port Resources
The port has a framer, LIU, BERT, jitter attenuator, and transmit/receive HDLC controller.
8.7
Device Interrupts
Figure 8-10 diagrams the flow of interrupt conditions from their source status bits through the multiple levels of
information registers and mask bits to the interrupt pin. When an interrupt occurs, the host can read the global
interrupt information registers GFISR, GLISR, and GBISR to identify which block is causing the interrupt(s). The
host can then read the specific block’s interrupt information registers (TIIR, RIIR) and the latched status registers
(LLSR, BLSR) to further identify the source of the interrupt(s). If TIIR or RIIR is the source, the host will then read
the transmit-latched status or the receive-latched status registers for the source of the interrupt. All interrupt
information register bits are real-time bits that clear once the appropriate interrupt has been serviced and cleared,
as long as no additional, unmasked interrupt condition is present in the associated status register. The host must
clear all latched status bits by writing a 1 to the bit location of the interrupt condition that has been serviced.
Latched status bits that have been masked by the interrupt mask registers are masked from the interrupt
information registers. The interrupt mask register bits prevent individual latched status conditions from generating
an interrupt, but they do not prevent the latched status bits from being set. Therefore, when servicing interrupts, the
user should XOR the latched status with the associated interrupt mask in order to exclude bits for which the user
wished to prevent interrupt service. This architecture allows the application host to periodically poll the latched
status bits for noninterrupt conditions, while using only one set of registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com