Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS26521 Datasheet(PDF) 43 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 43 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 39Page - Maxim Integrated Products DS26521 Datasheet HTML 40Page - Maxim Integrated Products DS26521 Datasheet HTML 41Page - Maxim Integrated Products DS26521 Datasheet HTML 42Page - Maxim Integrated Products DS26521 Datasheet HTML 43Page - Maxim Integrated Products DS26521 Datasheet HTML 44Page - Maxim Integrated Products DS26521 Datasheet HTML 45Page - Maxim Integrated Products DS26521 Datasheet HTML 46Page - Maxim Integrated Products DS26521 Datasheet HTML 47Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
43 of 258
8.9.3
T1 Transmit Synchronizer
The DS26521 transmitter can identify the D4 or ESF frame boundary, as well as the CRC multiframe boundaries
within the incoming NRZ data stream at TSER. The TFM (TCR3.2) control bit determines whether the transmit
synchronizer searches for the D4 or ESF multiframe. Additional control signals for the transmit synchronizer are
located in the TSYNCC register. The latched status bit TLS3.0 (LOFD) is provided to indicate that a loss-of-frame
synchronization has occurred. The real-time bit (LOF) is also provided to indicate when the synchronizer is
searching for frame/multiframe alignment. The LOFD bit can be enabled to cause an interrupt condition on
INTB.
Note that when the transmit synchronizer is used, the TSYNC signal should be set as an output (TSIO = 1) and the
recovered frame-sync pulse will be output on this signal. The recovered CRC-4 multiframe sync pulse is output if
enabled with TIOCR.0 (TSM = 1).
Other key points concerning the E1 transmit synchronizer:
1) The Tx synchronizer is not operational when the transmit elastic store is enabled, including IBO modes.
2) The Tx synchronizer does not perform CRC-6 alignment verification (ESF mode) and does not verify
CRC-4 codewords.
The Tx synchronizer cannot search for the CAS multiframe. Table 8-10 shows the registers related to the transmit
synchronizer.
Table 8-10. Registers Related to the Transmit Synchronizer
REGISTER
FRAMER
ADDRESSES
FUNCTION
Transmit Synchronizer Control Register
(TSYNCC)
18Eh
Resynchronization control for the transmit
synchronizer.
Transmit Control Register 3 (TCR3)
183h
TFM bit selects between D4 and ESF for the
transmit synchronizer.
Transmit Latched Status Register 3
(TLS3)
192h
Provides latched status for the transmit
synchronizer.
Transmit Interrupt Mask Register 3
(TIM3)
1A2h
Provides mask bits for the TLS3 status.
Transmit I/O Configuration Register
(TIOCR)
184h
TSYNC should be set as an output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com