Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS26521 Datasheet(PDF) 47 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 47 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 43Page - Maxim Integrated Products DS26521 Datasheet HTML 44Page - Maxim Integrated Products DS26521 Datasheet HTML 45Page - Maxim Integrated Products DS26521 Datasheet HTML 46Page - Maxim Integrated Products DS26521 Datasheet HTML 47Page - Maxim Integrated Products DS26521 Datasheet HTML 48Page - Maxim Integrated Products DS26521 Datasheet HTML 49Page - Maxim Integrated Products DS26521 Datasheet HTML 50Page - Maxim Integrated Products DS26521 Datasheet HTML 51Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
47 of 258
8.9.4.3.6 Receive-Signaling Freeze
The signaling data in the four multiframe signaling buffers is frozen in a known good state upon either a loss of
synchronization (OOF event), carrier loss, or change of frame alignment. In T1 mode, this action meets the
requirements of BellCore TR-TSY-000170 for signaling freezing. To allow this freeze action to occur, the RSFE
control bit (RSIGC.1) should be set high. The user can force a freeze by setting the RSFF control bit (RSIGC.2)
high. The RSIGF output pin provides a hardware indication that a freeze is in effect. The four multiframe buffer
provides a three multiframe delay in the signaling bits provided at the RSIG pin (and at the RSER pin if receive-
signaling reinsertion is enabled). When freezing is enabled (RSFE = 1), the signaling data is held in the last known
good state until the corrupting error condition subsides. When the error condition subsides, the signaling data is
held in the old state for at least an additional 9ms (4.5ms in D4 framing mode, 6ms for E1 mode) before being
allowed to be updated with new signaling data.
The receive-signaling registers are frozen and not updated during a loss-of-sync condition. They will contain the
most recent signaling information before the LOF occurred.
8.9.4.4 Transmit SLC-96 Operation (T1 Mode Only)
In an SLC-96-based transmission scheme, the standard Fs-bit pattern is robbed to make room for a set of
message fields. The SLC-96 multiframe is made up of six D4 superframes, thus it is 72 frames long. In the 72-
frame SLC-96 multiframe, 36 of the framing bits are the normal Ft pattern and the other 36 bits are divided into
alarm, maintenance, spoiler, and concentrator bits, as well as 12 bits of the normal Fs pattern. Additional SLC-96
information can be found in BellCore document TR-TSY-000008. Registers related to the transmit FDL are shown
in Table 8-12.
Table 8-12. Registers Related to SLC-96
REGISTER
FRAMER
ADDRESSES
FUNCTION
Transmit FDL Register (T1TFDL)
162h
For sending messages in transmit SLC-96 Ft/Fs
bits.
Transmit SLC-96 Data Link Registers 1
to 3 (T1TSLC1:T1TSLC3)
164h, 165h, 166h
Registers that control the SLC-96 overhead
values.
Transmit Control Register 2 TCR2)
182h
Transmit control for data selection source for the
Ft/Fs bits.
Transmit Latched Status Register 1
(TLS1)
190h
Status bit for indicating transmission of data link
buffer.
Receive SLC-96 Data Link Registers 1
to 3 (T1RSLC1:T1RSLC3)
064h, 065h, 066h
—
Receive Latched Status Register 7
(RLS7)
096h
Receive SLC-96 alignment event.
The T1TFDL register is used to insert the SLC-96 message fields. To insert the SLC-96 message using the
T1TFDL register, the user should configure the DS26521 as shown:
•
TCR2.6 (TSLC96) = 1
Enable transmit SLC-96.
•
TCR2.7 (TFDLS) = 0
Source FS bits via TFDL or SLC-96 formatter.
•
TCR3.2 (TFM) = 1
D4 framing mode.
•
TCR1.6 (TFPT) = 0
Do not “pass through” TSER F-bits.
The DS26521 automatically inserts the 12-bit alignment pattern in the Fs bits for the SLC-96 data link frame. Data
from T1TSLC1:T1TSLC3 is inserted into the remaining Fs-bit locations of the SLC-96 multiframe. The status bit
TSLC96 located at TLS1.4 is set to indicate that the SLC-96 data link buffer has been transmitted and that the user
should write new message data into T1TSLC1:T1TSLC3. The host has 9ms after the assertion of TLS1.4 to write
the registers T1TSLC1:T1TSLC3. If no new data is provided in these registers, the previous values are
retransmitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com