Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS26521 Datasheet(PDF) 83 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 83 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 79Page - Maxim Integrated Products DS26521 Datasheet HTML 80Page - Maxim Integrated Products DS26521 Datasheet HTML 81Page - Maxim Integrated Products DS26521 Datasheet HTML 82Page - Maxim Integrated Products DS26521 Datasheet HTML 83Page - Maxim Integrated Products DS26521 Datasheet HTML 84Page - Maxim Integrated Products DS26521 Datasheet HTML 85Page - Maxim Integrated Products DS26521 Datasheet HTML 86Page - Maxim Integrated Products DS26521 Datasheet HTML 87Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
83 of 258
9.1.2
Framer Register List
Table 9-3. Framer Register List
FRAMER REGISTER LIST
ADDRESS
NAME
DESCRIPTION
R/W
000h–00Fh
—
Reserved
—
010h
RHC
Receive HDLC Control Register
R/W
011h
RHBSE
Receive HDLC Bit Suppress Register
R/W
012h
RDS0SEL
Receive Channel Monitor Select Register
R/W
013h
RSIGC
Receive-Signaling Control Register
R/W
T1RCR2
Receive Control Register 2 (T1 Mode)
014h
E1RSAIMR
Receive Sa-Bit Interrupt Mask Register (E1 Mode)
R/W
015h
T1RBOCC
Receive BOC Control Register (T1 Mode Only)
R/W
016h–01Fh
—
Reserved
—
020h
RIDR1
Receive Idle Code Definition Register 1
R/W
021h
RIDR2
Receive Idle Code Definition Register 2
R/W
022h
RIDR3
Receive Idle Code Definition Register 3
R/W
023h
RIDR4
Receive Idle Code Definition Register 4
R/W
024h
RIDR5
Receive Idle Code Definition Register 5
R/W
025h
RIDR6
Receive Idle Code Definition Register 6
R/W
026h
RIDR7
Receive Idle Code Definition Register 7
R/W
027h
RIDR8
Receive Idle Code Definition Register 8
R/W
028h
RIDR9
Receive Idle Code Definition Register 9
R/W
029h
RIDR10
Receive Idle Code Definition Register 10
R/W
02Ah
RIDR11
Receive Idle Code Definition Register 11
R/W
02Bh
RIDR12
Receive Idle Code Definition Register 12
R/W
02Ch
RIDR13
Receive Idle Code Definition Register 13
R/W
02Dh
RIDR14
Receive Idle Code Definition Register 14
R/W
02Eh
RIDR15
Receive Idle Code Definition Register 15
R/W
02Fh
RIDR16
Receive Idle Code Definition Register 16
R/W
030h
RIDR17
Receive Idle Code Definition Register 17
R/W
031h
RIDR18
Receive Idle Code Definition Register 18
R/W
032h
RIDR19
Receive Idle Code Definition Register 19
R/W
033h
RIDR20
Receive Idle Code Definition Register 20
R/W
034h
RIDR21
Receive Idle Code Definition Register 21
R/W
035h
RIDR22
Receive Idle Code Definition Register 22
R/W
036h
RIDR23
Receive Idle Code Definition Register 23
R/W
037h
RIDR24
Receive Idle Code Definition Register 24
R/W
T1RSAOI1
Receive-Signaling All-Ones Insertion Register 1 (T1 Mode Only)
038h
RIDR25
Receive Idle Code Definition Register 25 (E1 Mode)
R/W
T1RSAOI2
Receive-Signaling All-Ones Insertion Register 2 (T1 Mode Only)
039h
RIDR26
Receive Idle Code Definition Register 26 (E1 Mode)
R/W
T1RSAOI3
Receive-Signaling All-Ones Insertion Register 3 (T1 Mode Only)
03Ah
RIDR27
Receive Idle Code Definition Register 27 (E1 Mode)
R/W
03B
RIDR28
Receive Idle Code Definition Register 28 (E1 Mode)
—
T1RDMWE1
T1 Receive Digital Milliwatt Enable Register 1 (T1 Mode Only)
03C
RIDR29
Receive Idle Code Definition Register 29 (E1 Mode)
R/W
T1RDMWE2
T1 Receive Digital Milliwatt Enable Register 2 (T1 Mode Only)
03Dh
RIDR30
Receive Idle Code Definition Register 30 (E1 Mode)
R/W
T1RDMWE3
T1 Receive Digital Milliwatt Enable Register 3 (T1 Mode Only)
03Eh
RIDR31
Receive Idle Code Definition Register 31 (E1 Mode)
R/W
03Fh
RIDR32
Receive Idle Code Definition Register 32 (E1 Mode)
—
040h
RS1
Receive-Signaling Register 1
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com