Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS26521 Datasheet(PDF) 56 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 56 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 52Page - Maxim Integrated Products DS26521 Datasheet HTML 53Page - Maxim Integrated Products DS26521 Datasheet HTML 54Page - Maxim Integrated Products DS26521 Datasheet HTML 55Page - Maxim Integrated Products DS26521 Datasheet HTML 56Page - Maxim Integrated Products DS26521 Datasheet HTML 57Page - Maxim Integrated Products DS26521 Datasheet HTML 58Page - Maxim Integrated Products DS26521 Datasheet HTML 59Page - Maxim Integrated Products DS26521 Datasheet HTML 60Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
56 of 258
Table 8-21. E1 Line Code Violation Counting Options
E1 CODE VIOLATION SELECT
(ERCNT.0)
WHAT IS COUNTED IN
LCVCR1, LCVCR2
0
BPVs
1
CVs
8.9.9.2 Path Code Violation Count Register (PCVCR)
In T1 operation, the Path Code Violation Count register (PCVCR) records either Ft, Fs, or CRC-6 errors. When the
receive side of a framer is set to operate in the T1 ESF framing mode, PCVCR records errors in the CRC-6
codewords. When set to operate in the T1 D4 framing mode, PCVCR counts errors in the Ft framing bit position.
Via the ERCNT.2 bit, a framer can be programmed to also report errors in the Fs framing bit position. PCVCR is
disabled during receive loss of synchronization (RLOF = 1) conditions. See Table 8-22 for a detailed description of
exactly what errors the PCVCR counts in T1 operation.
In E1 operation, PCVCR records CRC-4 errors. Since the maximum CRC-4 count in a one-second period is 1000,
this counter cannot saturate. The counter is disabled during loss of sync at either the FAS or CRC-4 level; it
continues to count if loss of multiframe sync occurs at the CAS level.
The Path Code Violation Count Register 1 (PCVCR1) is the most significant word and Path Code Violation Count
Register 2 (PCVCR2) is the least significant word of a 16-bit counter that records path violations (PVs).
Table 8-22. T1 Path Code Violation Counting Arrangements
FRAMING MODE
COUNT Fs ERRORS?
WHAT IS COUNTED IN
PCVCR1, PCVCR2
D4
No
Errors in the Ft pattern
D4
Yes
Errors in both the Ft and Fs patterns
ESF
Don’t Care
Errors in the CRC-6 codewords
8.9.9.3 Frames Out of Sync Count Register (FOSCR)
The FOSCR is used to count the number of multiframes that the receive synchronizer is out of sync. This number is
useful in ESF applications needing to measure the parameters loss of frame count (LOFC) and ESF error events
as described in AT&T publication TR54016. When the FOSCR is operated in this mode, it is not disabled during
receive loss of synchronization (RLOF = 1) conditions. The FOSCR has an alternate operating mode whereby it will
count either errors in the Ft framing pattern (in the D4 mode) or errors in the FPS framing pattern (in the ESF
mode). When the FOSCR is operated in this mode, it is disabled during receive loss of synchronization (RLOF = 1)
conditions. See Table 8-23 for a detailed description of what the FOSCR is capable of counting.
In E1 mode, the FOSCR counts word errors in the frame alignment signal in time slot 0. This counter is disabled
when RLOF is high. FAS errors will not be counted when the framer is searching for FAS alignment and/or
synchronization at either the CAS or CRC-4 multiframe level. Since the maximum FAS word error count in a one-
second period is 4000, this counter cannot saturate.
The Frames Out of Sync Count Register 1 (FOSCR1) is the most significant word and Frames Out of Sync Count
Register 2 (FOSCR2) is the least significant word of a 16-bit counter that records frames out of sync.
Table 8-23. T1 Frames Out of Sync Counting Arrangements
FRAMING MODE
(RCR1.5)
COUNT MOS OR F-BIT ERRORS
(ERCNT.1)
WHAT IS COUNTED IN
FOSCR1, FOSCR2
D4
MOS
Number of multiframes out of sync
D4
F-Bit
Errors in the Ft pattern
ESF
MOS
Number of multiframes out of sync
ESF
F-Bit
Errors in the FPS pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com