Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L101F3P6ATR Datasheet(PDF) 55 Page - STMicroelectronics

Part # STM8L101F3P6ATR
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F3P6ATR Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STM8L101F3P6ATR Datasheet HTML 51Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 52Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 53Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 54Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 55Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 56Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 57Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 58Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 81 page
background image
STM8L101xx
Electrical parameters
Doc ID 15275 Rev 11
55/81
NRST pin
The NRST pin input driver is CMOS. A permanent pull-up is present.
RPU(NRST) has the same value as RPU (see Table 26 on page 50).
Subject to general operating conditions for VDD and TA unless otherwise specified.
Figure 30.
Typical NRST pull-up resistance RPU vs. VDD
Table 30.
NRST pin characteristics
Symbol
Parameter
Conditions
Min
Typ (1)
Max
Unit
VIL(NRST)
NRST input low level voltage (1)
1.
Data based on characterization results, not tested in production.
VSS
-0.8
V
VIH(NRST)
NRST input high level voltage (1)
1.4
-
VDD
VOL(NRST)
NRST output low level voltage
IOL = 2 mA
-
-
VDD-0.8
RPU(NRST) NRST pull-up equivalent resistor
(2)
2.
The RPU pull-up equivalent resistor is based on a resistive transistor (Figure 30). Corresponding IPU current
characteristics are described in Figure 31.
30
45
60
k
Ω
VF(NRST)
NRST input filtered pulse (3)
3.
Data guaranteed by design, not tested in production.
-
-
50
ns
tOP(NRST)
NRST output pulse width
20
-
-
ns
VNF(NRST)
NRST input not filtered pulse (3)
300
-
-
ns
ai17007
30
35
40
45
50
55
60
1.65 1.8 1.95 2.1 2.25 2.4 2.55 2.7 2.85
3
3.15 3.3 3.45 3.6
V
DD [V]
-40°C
25°C
85°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com