Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L101F3P6ATR Datasheet(PDF) 42 Page - STMicroelectronics

Part # STM8L101F3P6ATR
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F3P6ATR Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STM8L101F3P6ATR Datasheet HTML 38Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 39Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 40Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 41Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 42Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 43Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 44Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 45Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 81 page
background image
Electrical parameters
STM8L101xx
42/81
Doc ID 15275 Rev 11
9.3.3
Supply current characteristics
Total current consumption
The MCU is placed under the following conditions:
●
All I/O pins in input mode with a static value at VDD or VSS (no load)
●
All peripherals are disabled except if explicitly mentioned.
Subject to general operating conditions for VDD and TA.
1.
Typical current consumption measured with code executed from Flash.
Table 18.
Total current consumption in Run mode (1)
1.
Based on characterization results, unless otherwise specified.
Symbol
Parameter
Conditions(2)
2.
All peripherals off, VDD from 1.65 V to 3.6 V, HSI internal RC osc. , fCPU=fMASTER
Typ
Max(3)
3.
Maximum values are given for TA = −40 to 125 °C.
Unit
IDD (Run)
Supply
current in
Run
mode(4) (5)
4.
CPU executing typical data processing.
5.
An approximate value of IDD(Run) can be given by the following formula:
IDD(Run) = fMASTER x 150 µA/MHz +215 µA.
Code executed from
RAM
fMASTER = 2 MHz
0.39
0.6
mA
fMASTER = 4 MHz
0.55
0.7
fMASTER = 8 MHz
0.9
1.2
fMASTER = 16 MHz
1.6
2.1(6)
6.
Data guaranteed, each individual device tested in production.
Code executed from
Flash
fMASTER = 2 MHz
0.55
0.7
fMASTER = 4 MHz
0.88
1.8
fMASTER = 8 MHz
1.5
2.5
fMASTER = 16 MHz
2.7
3.5
Figure 11.
IDD(RUN) vs. VDD, fCPU = 2 MHz
Figure 12.
IDD(RUN) vs. VDD, fCPU = 16 MHz
ai17017
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.6 1.7 1.8 1.9 2 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3 3.1 3.2 3.3 3.4 3.5 3.6
V
DD [V]
-40°C
25°C
85°C
125°C
ai17018
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
1.6 1.7 1.8 1.9 2 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3 3.1 3.2 3.3 3.4 3.5 3.6
V
DD [V]
-40°C
25°C
85°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com