Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L101F3P6ATR Datasheet(PDF) 8 Page - STMicroelectronics

Part # STM8L101F3P6ATR
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F3P6ATR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM8L101F3P6ATR Datasheet HTML 4Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 5Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 6Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 7Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 8Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 9Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 10Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 11Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 81 page
background image
Description
STM8L101xx
8/81
Doc ID 15275 Rev 11
family very easy, and simplified even more by the use of a common set of development
tools.
All STM8L low power products are based on the same architecture with the same memory
mapping and a coherent pinout.
Table 2.
Device features
Features
STM8L101xx
Flash
2 Kbytes of Flash program
memory
4 Kbytes of Flash program
memory
8 Kbytes of Flash program
memory including up to
2 Kbytes of Data EEPROM
RAM
1.5 Kbytes
Peripheral functions
Independent watchdog (IWDG), Auto-wakeup unit (AWU), Beep,
Serial peripheral interface (SPI), Inter-integrated circuit (I²C),
Universal synchronous / asynchronous receiver / transmitter (USART),
2 comparators, Infrared (IR) interface
Timers
Two 16-bit timers, one 8-bit timer
Operating voltage
1.65 to 3.6 V
Operating temperature
-40 to +85 °C
-40 to +85 °C or
-40 to +125 °C
Packages
UFQFPN20 3x3
UFQFPN28 4x 4
UFQFPN20 3x3
TSSOP20 4.4 x 6.4
UFQFPN28 4x4
UFQFPN20 3x3
UFQFPN32
LQFP32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com