Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L101F3P6ATR Datasheet(PDF) 39 Page - STMicroelectronics

Part # STM8L101F3P6ATR
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F3P6ATR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM8L101F3P6ATR Datasheet HTML 35Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 36Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 37Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 38Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 39Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 40Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 41Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 42Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 81 page
background image
STM8L101xx
Electrical parameters
Doc ID 15275 Rev 11
39/81
Table 14.
Current characteristics
Symbol
Ratings
Max.
Unit
IVDD
Total current into VDD power line (source)
80
mA
IVSS
Total current out of VSS ground line (sink)
80
IIO
Output current sunk by IR_TIM pin (with high sink LED
driver capability)
80
Output current sunk by any other I/O and control pin
25
Output current sourced by any I/Os and control pin
-25
IINJ(PIN)
Injected current on true open-drain pins (PC0 and PC1)(1)
1.
Positive injection is not possible on these I/Os. VIN maximum must always be respected. IINJ(PIN) must
never be exceeded. A negative injection is induced by VIN<VSS.
-5
Injected current on any other pin (2)
2.
IINJ(PIN) must never be exceeded. This is implicitly insured if VIN maximum is respected. If VIN maximum
cannot be respected, the injection current must be limited externally to the IINJ(PIN) value. A positive
injection is induced by VIN>VDD while a negative injection is induced by VIN<VSS.
±5
ΣIINJ(PIN)
Total injected current (sum of all I/O and control pins) (3)
3.
When several inputs are submitted to a current injection, the maximum
ΣIINJ(PIN) is the absolute sum of the
positive and negative injected currents (instantaneous values). These results are based on
characterization with
ΣIINJ(PIN) maximum current injection on four I/O port pins of the device.
±25
Table 15.
Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
-65 to +150
° C
TJ
Maximum junction temperature
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com