Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L101F3P6ATR Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM8L101F3P6ATR
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F3P6ATR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM8L101F3P6ATR Datasheet HTML 19Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 20Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 21Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 22Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 23Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 24Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 25Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 26Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 81 page
background image
STM8L101xx
Memory and register map
Doc ID 15275 Rev 11
23/81
5
Memory and register map
Figure 8.
Memory map
1.
Table 5 lists the boundary addresses for each memory size. The top of the stack is at the RAM end
address.
2.
Refer to Table 7 for an overview of hardware register mapping, to Table 6 for details on I/O port hardware
registers, and to Table 8 for information on CPU/SWIM/debug module controller registers.
GPIO and peripheral registers(2)
0x00 0000
Reserved
Flash program memory
(up to 8 Kbytes) (1)
Interrupt vectors
0x00 4800
0x00 48FF
RAM
0x00 05FF
(1.5 Kbytes) (1)
(up to 513 bytes) (1)
0x 004900
Option bytes
0x00 5000
0x00 57FF
0x00 5800
0x00 7FFF
0x00 8000
0x00 9FFF
0x00 0600
0x00 47FF
0x00 49FF
0x00 7EFF
0x00 8080
0x00 807F
CPU/SWIM/Debug/ITC
Registers
0x00 7F00
Reserved
Reserved
including
Stack
including
Data EEPROM
(up to 2 Kbytes)
0x 004925
0x 004931
0x 004924
0x 004930
Unique ID
Reserved
Low-density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com