Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L101F3P6ATR Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM8L101F3P6ATR
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F3P6ATR Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM8L101F3P6ATR Datasheet HTML 57Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 58Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 59Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 60Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 61Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 62Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 63Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 64Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 81 page
background image
STM8L101xx
Electrical parameters
Doc ID 15275 Rev 11
61/81
Figure 36.
Typical application with I2C bus and timing diagram 1)
1. Measurement points are done at CMOS levels: 0.3 x VDD and 0.7 x VDD
9.3.8
Comparator characteristics
REPEATED START
START
STOP
START
tf(SDA)
tr(SDA)
tsu(SDA)
th(SDA)
tf(SCL)
tr(SCL)
tw(SCLL)
tw(SCLH)
th(STA)
tsu(STO)
tsu(STA)
tw(STO:STA)
SDA
SCL
4.7k
Ω
SDA
STM8L
SCL
VDD
100
Ω
100
Ω
VDD
4.7k
Ω
I2CBUS
Table 33.
Comparator characteristics
Symbol
Parameter
Conditions
Min (1)
Typ
Max(1)
Unit
VIN(COMP_REF)
Comparator external reference
-0.1
-
VDD-1.25
V
VIN
Comparator input voltage range
-0.25
-
VDD+0.25
V
Voffset
(2)
Comparator offset error
-
-
±20
mV
tSTART
Startup time (after BIAS_EN)
-
-
3(1)
µs
IDD(COMP)
Analog comparator consumption
-
-
25(1)
µA
Analog comparator consumption
during power-down
--
60(1)
nA
tpropag
(2)
Comparator propagation delay
100-mV input step
with 5-mV overdrive,
input rise time = 1 ns
--
2(1)
µs
1.
Data guaranteed by design, not tested in production.
2.
The comparator accuracy depends on the environment. In particular, the following cases may reduce the accuracy of the
comparator and must be avoided:
- Negative injection current on the I/Os close to the comparator inputs
- Switching on I/Os close to the comparator inputs
- Negative injection current on not used comparator input.
- Switching with a high dV/dt on not used comparator input.
These phenomena are even more critical when a big external serial resistor is added on the inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com