Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L101F3P6ATR Datasheet(PDF) 65 Page - STMicroelectronics

Part # STM8L101F3P6ATR
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F3P6ATR Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM8L101F3P6ATR Datasheet HTML 61Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 62Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 63Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 64Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 65Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 66Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 67Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 68Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 81 page
background image
STM8L101xx
Electrical parameters
Doc ID 15275 Rev 11
65/81
Table 38.
Thermal characteristics(1)
1.
Thermal resistances are based on JEDEC JESD51-2 with 4-layer PCB in a natural convection
environment.
Symbol
Parameter
Value
Unit
ΘJA
Thermal resistance junction-ambient
LQFP 32 - 7 x 7 mm
60
°C/W
Thermal resistance junction-ambient
UFQFPN 32 - 5 x 5 mm
25
°C/W
Thermal resistance junction-ambient
UFQFPN 28 - 4 x 4 mm
80
°C/W
Thermal resistance junction-ambient
UFQFPN 20 - 3 x 3 mm - 0.6 mm
102
°C/W
Thermal resistance junction-ambient
TSSOP 20
110
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com