Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L101F3P6ATR Datasheet(PDF) 72 Page - STMicroelectronics

Part # STM8L101F3P6ATR
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F3P6ATR Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STM8L101F3P6ATR Datasheet HTML 68Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 69Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 70Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 71Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 72Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 73Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 74Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 75Page - STMicroelectronics STM8L101F3P6ATR Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 81 page
background image
Package characteristics
STM8L101xx
72/81
Doc ID 15275 Rev 11
Figure 45.
TSSOP20 - 20-lead thin shrink small
package outline (1)
Figure 46.
TSSOP20 recommended
footprint (1)(2)
1.
Drawing is not to scale
2.
Dimensions are in millimeters
TSSOP20-M
1
20
CP
c
L
E
E1
D
A2
A
α
e
b
10
11
A1
L1
Table 43.
20-lead thin shrink small package, mechanical data
Dim.
mm
inches(1)
Min
Typ
Max
Min
Typ
Max
A
1.2
0.0472
A1
0.05
0.15
0.002
0.0059
A2
0.8
1
1.05
0.0315
0.0394
0.0413
b
0.19
0.3
0.0075
0.0118
CP
0.1
0.0039
c
0.09
0.2
0.0035
0.0079
D
6.4
6.5
6.6
0.252
0.2559
0.2598
E
6.2
6.4
6.6
0.2441
0.252
0.2598
E1
4.3
4.4
4.5
0.1693
0.1732
0.1772
e
-
0.65
-
0.1693
0.0256
-
L
0.45
0.6
0.75
0.1693
0.0236
0.0295
L1
1
0.0394
a0°
8°
0°
8°
Number of pins
N20
1.
Values in inches are converted from mm and rounded to 4 decimal digits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com