| Electronic Components Datasheet Search |
|
MPC8360E Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8360E Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc |
|
1 / 108 page ![]() © 2011 Freescale Semiconductor, Inc. All rights reserved. Freescale Semiconductor Technical Data This document provides an overview of the MPC8360E/58E PowerQUICC II Pro processor revision 2.x TBGA features, including a block diagram showing the major functional components. This device is a cost-effective, highly integrated communications processor that addresses the needs of the networking, wireless infrastructure, and telecommunications markets. Target applications include next generation DSLAMs, network interface cards for 3G base stations (Node Bs), routers, media gateways, and high end IADs. The device extends current PowerQUICC II Pro offerings, adding higher CPU performance, additional functionality, faster interfaces, and robust interworking between protocols while addressing the requirements related to time-to-market, price, power, and package size. This device can be used for the control plane and also has data plane functionality. For functional characteristics of the processor, refer to the MPC8360E PowerQUICC II Pro Integrated Communications Processor Family Reference Manual, Rev. 3. To locate any updates for this document, refer to the MPC8360E product summary page on our website listed on the back cover of this document or contact your Freescale sales office. Document Number: MPC8360EEC Rev. 4, 01/2011 Contents 1. Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 2. Electrical Characteristics . . . . . . . . . . . . . . . . . . 8 3. Power Characteristics . . . . . . . . . . . . . . . . . . . 13 4. Clock Input Timing . . . . . . . . . . . . . . . . . . . . . 15 5. RESET Initialization . . . . . . . . . . . . . . . . . . . . 17 6. DDR and DDR2 SDRAM . . . . . . . . . . . . . . . . 20 7. DUART . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27 8. UCC Ethernet Controller: Three-Speed Ethernet, MII Management . . . . . . . . . . . . . . . . . . . . . . . 28 9. Local Bus . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41 10. JTAG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48 11. I2C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52 12. PCI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54 13. Timers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56 14. GPIO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57 15. IPIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58 16. SPI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58 17. TDM/SI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60 18. UTOPIA/POS . . . . . . . . . . . . . . . . . . . . . . . . . 62 19. HDLC, BISYNC, Transparent, and Synchronous UART . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64 20. USB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67 21. Package and Pin Listings . . . . . . . . . . . . . . . . . 68 22. Clocking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85 23. Thermal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 97 24. System Design Information . . . . . . . . . . . . . . 102 25. Ordering Information . . . . . . . . . . . . . . . . . . . 106 26. Document Revision History . . . . . . . . . . . . . 107 MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications |
Similar Part No. - MPC8360E |
|
Similar Description - MPC8360E |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |