Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 7549
Description  Standard Characteristics
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 4 Page - Renesas Technology Corp

  7549 Datasheet HTML 1Page - Renesas Technology Corp 7549 Datasheet HTML 2Page - Renesas Technology Corp 7549 Datasheet HTML 3Page - Renesas Technology Corp 7549 Datasheet HTML 4Page - Renesas Technology Corp 7549 Datasheet HTML 5Page - Renesas Technology Corp 7549 Datasheet HTML 6Page - Renesas Technology Corp 7549 Datasheet HTML 7Page - Renesas Technology Corp 7549 Datasheet HTML 8Page - Renesas Technology Corp 7549 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
7548/7549 Group Standard Characteristics
M37548G1-XXXFP,M37548G2-XXXFP,M37548G3-XXXFP,M37549G1-XXXFP,M37549G2-XXXFP,M37549G3-XXXFP
M37548G1FP,M37548G2FP,M37548G3FP,M37549G1FP,M37549G2FP,M37549G3FP
When system is operating in Low-speed on-chip oscillator double-speed mode
When system is operating in Low-speed on-chip oscillator high-speed mode
(external oscillation stop, output transistor is in the cut-off state)
(external oscillation stop, output transistor is in the cut-off state)
Fig. 14. Vcc-Icc Low-speed on-chip oscillator double-speed mode)
Fig. 15. Vcc-Icc (Low-speed on-chip oscillator high-speed mode)
When system is operating in Low-speed on-chip oscillator middle-speed mode
When system is operating in Low-speed on-chip oscillator low-speed mode
(external oscillation stop, output transistor is in the cut-off state)
(external oscillation stop, output transistor is in the cut-off state)
Fig. 16. Vcc-Icc (Low-speed on-chip oscillator middle-speed mode)
Fig. 17. Vcc-Icc (Low-speed on-chip oscillator low-speed mode)
Low-speed on-chip oscillator operating mode, at WIT instruction executed
(external oscillation stop, output transistor is in the cut-off state)
Fig. 18. Vcc-Icc (Low-speed on-chip oscillator mode at WIT instruction executed)
Power Source Voltage Vcc [V]
Vcc-Icc (A/D conversion not executed)
Power Source Voltage Vcc [V]
Power Source Voltage Vcc [V]
Vcc-Icc (A/D conversion not executed)
Vcc-Icc (WIT)
Power Source Voltage Vcc [V]
Vcc-Icc (A/D conversion not executed)
Vcc-Icc (A/D conversion not executed)
Power Source Voltage Vcc [V]
0
50
100
150
200
250
300
350
400
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Ta=-20°C
Ta=25°C
Ta=85°C
0
20
40
60
80
100
120
140
160
180
200
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Ta=-20°C
Ta=25°C
Ta=85°C
0
20
40
60
80
100
120
140
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Ta=-20°C
Ta=25°C
Ta=85°C
0
10
20
30
40
50
60
70
80
90
100
110
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Ta=-20°C
Ta=25°C
Ta=85°C
0
10
20
30
40
50
60
70
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Ta=-20°C
Ta=25°C
Ta=85°C
REJ99B1341-0100
©2007. Renesas Technology Corp., All rights reserved.
September 2007
Page 4 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com