Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # 7549
Description  Standard Characteristics
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 10Page - Renesas Technology Corp 7549 Datasheet HTML 11Page - Renesas Technology Corp 7549 Datasheet HTML 12Page - Renesas Technology Corp 7549 Datasheet HTML 13Page - Renesas Technology Corp 7549 Datasheet HTML 14Page - Renesas Technology Corp 7549 Datasheet HTML 15Page - Renesas Technology Corp 7549 Datasheet HTML 16Page - Renesas Technology Corp 7549 Datasheet HTML 17Page - Renesas Technology Corp 7549 Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
7548/7549 Group Standard Characteristics
M37548G1-XXXFP,M37548G2-XXXFP,M37548G3-XXXFP,M37549G1-XXXFP,M37549G2-XXXFP,M37549G3-XXXFP
M37548G1FP,M37548G2FP,M37548G3FP,M37549G1FP,M37549G2FP,M37549G3FP
(9) High-speed on-chip Oscillator Frequency Characteristics Example
High-speed on-chip oscillator frequency characteristics(Vcc-RHSOCO)
High-speed on-chip oscillator frequency characteristics(Ta-RHSOCO)
Fig. 61.Vcc-RHSOCO
Fig. 62.Ta-RHSOCO
(10) Low-speed on-chip Oscillator Frequency Characteristics Example
Low-speed on-chip oscillator frequency characteristics(Vcc-RLSOCO)
Low-speed on-chip oscillator frequency characteristics(Ta-RLSOCO)
Fig. 63.Vcc-RLSOCO
Fig. 64.Ta-RLSOCO
Vcc-RLSOCO
Ta-RLSOCO
Vcc-RHSOCO
Power Source Voltage Vcc [V]
Ta-RHSOCO
Temperature [
°C]
Power Source Voltage Vcc [V]
Temperature [
°C]
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Ta=-20°C
Ta=25°C
Ta=85°C
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
-30
0
306090
VCC=5.0V
20
60
100
140
180
220
260
300
340
380
420
460
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Ta=-20°C
Ta=25°C
Ta=85°C
50
100
150
200
250
300
350
400
450
-30
0
30
60
90
VCC=5.0V
VCC=3.0V
REJ99B1341-0100
©2007. Renesas Technology Corp., All rights reserved.
September 2007
Page 14 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com