Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 7549
Description  Standard Characteristics
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 5Page - Renesas Technology Corp 7549 Datasheet HTML 6Page - Renesas Technology Corp 7549 Datasheet HTML 7Page - Renesas Technology Corp 7549 Datasheet HTML 8Page - Renesas Technology Corp 7549 Datasheet HTML 9Page - Renesas Technology Corp 7549 Datasheet HTML 10Page - Renesas Technology Corp 7549 Datasheet HTML 11Page - Renesas Technology Corp 7549 Datasheet HTML 12Page - Renesas Technology Corp 7549 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
7548/7549 Group Standard Characteristics
M37548G1-XXXFP,M37548G2-XXXFP,M37548G3-XXXFP,M37549G1-XXXFP,M37549G2-XXXFP,M37549G3-XXXFP
M37548G1FP,M37548G2FP,M37548G3FP,M37549G1FP,M37549G2FP,M37549G3FP
When system is operating in 32kHz quartz-crystal oscillator double-speed mode
When system is operating in 32kHz quartz-crystal oscillator high-speed mode
(internal oscillation stop, output transistor is in the cut-off state)
(internal oscillation stop, output transistor is in the cut-off state)
Fig. 39. Ta-Icc (32kHz quartz-crystal oscillator double-speed mode)
Fig. 40. Ta-Icc (32kHz quartz-crystal oscillator high-speed mode)
When system is operating in 32kHz quartz-crystal oscillator middle-speed mode
When system is operating in 32kHz quartz-crystal oscillator low-speed mode
(internal oscillation stop, output transistor is in the cut-off state)
(internal oscillation stop, output transistor is in the cut-off state)
Fig. 41. Ta-Icc (32kHz quartz-crystal oscillator middle-speed mode)
Fig. 42. Ta-Icc (32kHz quartz-crystal oscillator low-speed mode)
32kHz quartz-crystal oscillator operating mode at WIT instruction executed
(internal oscillation stop, output transistor is in the cut-off state)
Fig. 43. Ta-Icc (32kHz quartz-crystal oscillator mode at WIT instruction executed)
Ta-Icc (A/D conversion not executed)
Ta-Icc (A/D conversion not executed)
Operating Temperature Range Ta [°C]
Operating Temperature Range Ta [°C]
Ta-Icc (WIT)
Operating Temperature Range Ta [°C]
Operating Temperature Range Ta [°C]
Operating Temperature Range Ta [°C]
Ta-Icc (A/D conversion not executed)
Ta-Icc (A/D conversion not executed)
0
4
8
12
16
20
24
28
32
36
40
-30
-15
0
1530
45607590
VCC=5.0V
VCC=3.0V
0
4
8
12
16
20
24
28
32
36
40
-30
-15
0
153045607590
VCC=5.0V
VCC=3.0V
0
4
8
12
16
20
24
28
32
36
40
-30
-15
0
153045607590
VCC=5.0V
VCC=3.0V
0
4
8
12
16
20
24
28
32
36
40
-30
-15
0
153045607590
VCC=5.0V
VCC=3.0V
2
4
6
8
10
12
14
16
-30
-15
0
153045607590
VCC=5.0V
VCC=3.0V
REJ99B1341-0100
©2007. Renesas Technology Corp., All rights reserved.
September 2007
Page 9 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com