Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 7549
Description  Standard Characteristics
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 7Page - Renesas Technology Corp 7549 Datasheet HTML 8Page - Renesas Technology Corp 7549 Datasheet HTML 9Page - Renesas Technology Corp 7549 Datasheet HTML 10Page - Renesas Technology Corp 7549 Datasheet HTML 11Page - Renesas Technology Corp 7549 Datasheet HTML 12Page - Renesas Technology Corp 7549 Datasheet HTML 13Page - Renesas Technology Corp 7549 Datasheet HTML 14Page - Renesas Technology Corp 7549 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
7548/7549 Group Standard Characteristics
M37548G1-XXXFP,M37548G2-XXXFP,M37548G3-XXXFP,M37549G1-XXXFP,M37549G2-XXXFP,M37549G3-XXXFP
M37548G1FP,M37548G2FP,M37548G3FP,M37549G1FP,M37549G2FP,M37549G3FP
(6) Port Standard Characteristics Example (Vcc-IIL)
Vcc-IIL (Ports P0, P1 when connecting pull-up transistor)
Fig. 50.Vcc-IIL (Ports P0, P1 when connecting pull-up transistor)
(7) Port Standard Characteristics Example (Vcc-VIHL)
Vcc-VIHL (I/O Ports (CMOS) , Ta = 25
°C, Ports P0, P1, P2, P3)
Vcc-VIHL (RESET pin, Ta = 25
°C)
Fig. 51.Vcc-VIHL (I/O Ports (CMOS))
Fig. 52.Vcc-VIHL (RESET pin)
Vcc-VIHL(INT
• Capture • Serial I/O Function Pin
(INT0,INT1,CAP0,RXD,SCLK), Ta=25
°C)
Vcc-VIHL (CNVss pin,Ta=25
°C)
Fig. 53.Vcc-VIHL (INT
• Capture • Serial I/O Function Pin)
Fig. 54.Vcc-VIHL (CNVss pin)
Power Source Voltage Vcc [V]
Vcc-VIHL (CNVss pin)
Vcc-VIHL (RESET pin)
Power Source Voltage Vcc [V]
Vcc-IIL (Ports P0, P1 when connecting pull-up transistor)
Power Source Voltage Vcc [V]
Vcc-VIHL (I/O Ports (CMOS))
Power Source Voltage Vcc [V]
Vcc-VIHL (INT
• Capture • Serial I/O Function Pin)
Power Source Voltage Vcc [V]
-0.50
-0.45
-0.40
-0.35
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Ta=-20°C
Ta=25°C
Ta=85°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
"H" input voltage <VIH>
"L" input voltage <VIL>
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
"H" input voltage <VIH>
"L" input voltage <VIL>
REJ99B1341-0100
©2007. Renesas Technology Corp., All rights reserved.
September 2007
Page 11 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com