Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 7549
Description  Standard Characteristics
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 9Page - Renesas Technology Corp 7549 Datasheet HTML 10Page - Renesas Technology Corp 7549 Datasheet HTML 11Page - Renesas Technology Corp 7549 Datasheet HTML 12Page - Renesas Technology Corp 7549 Datasheet HTML 13Page - Renesas Technology Corp 7549 Datasheet HTML 14Page - Renesas Technology Corp 7549 Datasheet HTML 15Page - Renesas Technology Corp 7549 Datasheet HTML 16Page - Renesas Technology Corp 7549 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
7548/7549 Group Standard Characteristics
M37548G1-XXXFP,M37548G2-XXXFP,M37548G3-XXXFP,M37549G1-XXXFP,M37549G2-XXXFP,M37549G3-XXXFP
M37548G1FP,M37548G2FP,M37548G3FP,M37549G1FP,M37549G2FP,M37549G3FP
(8) Port Standard Characteristics Example (VIN-II (AD) )
VIN-II (AD) (A/D converter operation, f(Xin) = 8 MHz, Double-speed mode
VIN-II (AD) (A/D converter operation, f(Xin) = 6 MHz, Double-speed mode,
Vcc = 5.0 V, Ta = 25
°C)
Vcc = 5.0 V, Ta = 25
°C)
Fig. 58.VIN-II (AD) (f(Xin) = 8 MHz Double-speed mode )
Fig. 59.VIN-II(AD) (f(Xin) = 6 MHz Double-speed mode )
VIN-II (AD) (A/D converter operation, f(Xin) = 4 MHz, Double-speed mode,
Vcc = 5.0 V, Ta = 25
°C)
Fig. 60.VIN-II (AD) (f(Xin) = 4 MHz Double-speed mode )
Input Voltage VIN [V]
VIN-II(AD) (f(Xin) = 4 MHz, Double-speed mode)
VIN-II(AD) (f(Xin) = 8 MHz, Double-speed mode)
Input Voltage VIN [V]
VIN-II(AD) (f(Xin) = 6 MHz, Double-speed mode)
Input Voltage VIN [V]
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
012
345
A/D conversion clock: f(XIN)
A/D conversion clock: f(XIN)/2
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
012
345
A/D conversion clock: f(XIN)
A/D conversion clock: f(XIN)/2
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
012
345
A/D conversion clock: f(XIN)
A/D conversion clock: f(XIN)/2
REJ99B1341-0100
©2007. Renesas Technology Corp., All rights reserved.
September 2007
Page 13 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com