Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 7549
Description  Standard Characteristics
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 1 Page - Renesas Technology Corp

  7549 Datasheet HTML 1Page - Renesas Technology Corp 7549 Datasheet HTML 2Page - Renesas Technology Corp 7549 Datasheet HTML 3Page - Renesas Technology Corp 7549 Datasheet HTML 4Page - Renesas Technology Corp 7549 Datasheet HTML 5Page - Renesas Technology Corp 7549 Datasheet HTML 6Page - Renesas Technology Corp 7549 Datasheet HTML 7Page - Renesas Technology Corp 7549 Datasheet HTML 8Page - Renesas Technology Corp 7549 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
7548/7549 Group Standard Characteristics
M37548G1-XXXFP,M37548G2-XXXFP,M37548G3-XXXFP,M37549G1-XXXFP,M37549G2-XXXFP,M37549G3-XXXFP
M37548G1FP,M37548G2FP,M37548G3FP,M37549G1FP,M37549G2FP,M37549G3FP
Standard Characteristics Example
Standard characteristics described below are just examples of the 7548/7549 Group's characteristics and are not guaranteed.
For rated values, refer to "7548 Group Data sheet" and "7549 Group Data sheet".
(1) Power Supply Current Standard Characteristics Example (Vcc-Icc)
Double-speed mode (A/D conversion not executed)
High-speed mode (A/D conversion not executed)
(ceramic oscillation, Ta = 25 °C, output transistor is in the cut-off state)
(ceramic oscillation, Ta = 25 °C, output transistor is in the cut-off state)
Fig. 1. Vcc-Icc (Double-speed mode)
Fig. 2. Vcc-Icc (High-speed mode)
Middle-speed mode (A/D conversion not executed)
Low-speed mode (A/D conversion not executed)
(ceramic oscillation, Ta = 25 °C, output transistor is in the cut-off state)
(ceramic oscillation, Ta = 25 °C, output transistor is in the cut-off state)
Fig. 3. Vcc-Icc (Middle-speed mode)
Fig. 4. Vcc-Icc (Low-speed mode)
At WIT instruction executed
At STP instruction executed
(ceramic oscillation, Ta = 25 °C, output transistor is in the cut-off state)
(ceramic oscillation, Ta = 25 °C, output transistor is in the cut-off state)
Fig. 5. Vcc-Icc (At WIT instruction executed)
Fig. 6. Vcc-Icc (At STP instruction executed)
Power Source Voltage Vcc [V]
Power Source Voltage Vcc [V]
Power Source Voltage Vcc [V]
Vcc-Icc (WIT)
Vcc-Icc (A/D conversion not executed)
Power Source Voltage Vcc [V]
Vcc-Icc (A/D conversion not executed)
Vcc-Icc (A/D conversion not executed)
Vcc-Icc (A/D conversion not executed)
Power Source Voltage Vcc [V]
Vcc-Icc (STP)
Power Source Voltage Vcc [V]
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
f(XIN)=8MHz
f(XIN)=6MHz
f(XIN)=4MHz
f(XIN)=2MHz
f(XIN)=1MHz
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
f(XIN)=8MHz
f(XIN)=6MHz
f(XIN)=4MHz
f(XIN)=2MHz
f(XIN)=1MHz
0
2
4
6
8
10
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
f(XIN)=8MHz
f(XIN)=6MHz
f(XIN)=4MHz
f(XIN)=2MHz
f(XIN)=1MHz
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
f(XIN)=8MHz
f(XIN)=6MHz
f(XIN)=4MHz
f(XIN)=2MHz
f(XIN)=1MHz
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
f(XIN)=8MHz
f(XIN)=6MHz
f(XIN)=4MHz
f(XIN)=2MHz
f(XIN)=1MHz
REJ99B1341-0100
©2007. Renesas Technology Corp., All rights reserved.
September 2007
Page 1 of 16


Similar Part No. - 7549

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
7549 RENESAS-7549 Datasheet
1Mb / 73P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
7549 RENESAS-7549 Datasheet
1Mb / 84P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
7549 RENESAS-7549 Datasheet
1Mb / 86P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Molex Electronics Ltd.
75492 MOLEX-75492 Datasheet
318Kb / 3P
1.85 by 1.85mm (.073 by .073?? Pitch GbX* Backplane Connector System in 2, 3, 4 and 5-Pair Columns
75492-1022 MOLEX9-75492-1022 Datasheet
282Kb / 6P
1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Connector System, Power Module, 4 Circuits, 1.27關m (50關) Gold (Au), Lead Free
More results

Similar Description - 7549

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
38D2 RENESAS-38D2_07 Datasheet
395Kb / 28P
Standard Characteristics
3823 RENESAS-3823_07 Datasheet
353Kb / 26P
Standard Characteristics
3858 RENESAS-3858_08 Datasheet
169Kb / 8P
Standard Characteristics
4508 RENESAS-4508_06 Datasheet
245Kb / 26P
Standard Characteristics
4559 RENESAS-4559_08 Datasheet
234Kb / 18P
Standard Characteristics
4571 RENESAS-4571_08 Datasheet
161Kb / 14P
Standard Characteristics
7545 RENESAS-7545_06 Datasheet
100Kb / 8P
Standard Characteristics
7546 RENESAS-7546_07 Datasheet
199Kb / 14P
Standard Characteristics
M16C26A-SC RENESAS-M16C26A-SC Datasheet
249Kb / 17P
Standard Characteristics
M16C29 RENESAS-M16C29_07 Datasheet
288Kb / 17P
Standard Characteristics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com