Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 7549
Description  Standard Characteristics
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 2Page - Renesas Technology Corp 7549 Datasheet HTML 3Page - Renesas Technology Corp 7549 Datasheet HTML 4Page - Renesas Technology Corp 7549 Datasheet HTML 5Page - Renesas Technology Corp 7549 Datasheet HTML 6Page - Renesas Technology Corp 7549 Datasheet HTML 7Page - Renesas Technology Corp 7549 Datasheet HTML 8Page - Renesas Technology Corp 7549 Datasheet HTML 9Page - Renesas Technology Corp 7549 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
7548/7549 Group Standard Characteristics
M37548G1-XXXFP,M37548G2-XXXFP,M37548G3-XXXFP,M37549G1-XXXFP,M37549G2-XXXFP,M37549G3-XXXFP
M37548G1FP,M37548G2FP,M37548G3FP,M37549G1FP,M37549G2FP,M37549G3FP
(2) Power Supply Current Standard Characteristics Example (f(XIN) -Icc)
When system is operating in double-speed mode
When system is operating in high-speed mode
(ceramic oscillation, Ta = 25 °C, output transistor is in the cut-off state)
(ceramic oscillation, Ta = 25 °C, output transistor is in the cut-off state)
Fig. 24. f(XIN) -Icc (Double-speed mode)
Fig. 25. f(XIN) -Icc (High-speed mode)
When system is operating in middle-speed mode
When system is operating in low-speed mode
(ceramic oscillation, Ta = 25 °C, output transistor is in the cut-off state)
(ceramic oscillation, Ta = 25 °C, output transistor is in the cut-off state)
Fig. 26. f(XIN) -Icc (Middle-speed mode)
Fig. 27. f(XIN) -Icc (Low-speed mode)
At WIT instruction executed
(ceramic oscillation, Ta = 25 °C, output transistor is in the cut-off state)
Fig. 28. f(XIN) -Icc (At WIT instruction executed)
f(XIN)-Icc (A/D conversion not executed)
f(XIN)-Icc (A/D conversion not executed)
Oscillation Frequency f(XIN) [ MHz]
f(XIN)-Icc (WIT)
Oscillation Frequency f(XIN) [ MHz]
Oscillation Frequency f(XIN) [ MHz]
Oscillation Frequency f(XIN) [ MHz]
f(XIN)-Icc (A/D conversion not executed)
Oscillation Frequency f(XIN) [ MHz]
f(XIN)-Icc (A/D conversion not executed)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
12345678
Vcc=5.0V
Vcc=3.0V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
12345678
Vcc=5.0V
Vcc=3.0V
0.0
0.5
1.0
1.5
2.0
2.5
12
34
56
78
Vcc=5.0V
Vcc=3.0V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
12345678
Vcc=5.0V
Vcc=3.0V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
12345678
Vcc=5.0V
Vcc=3.0V
REJ99B1341-0100
©2007. Renesas Technology Corp., All rights reserved.
September 2007
Page 6 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com