Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7549 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 7549
Description  Standard Characteristics
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 6Page - Renesas Technology Corp 7549 Datasheet HTML 7Page - Renesas Technology Corp 7549 Datasheet HTML 8Page - Renesas Technology Corp 7549 Datasheet HTML 9Page - Renesas Technology Corp 7549 Datasheet HTML 10Page - Renesas Technology Corp 7549 Datasheet HTML 11Page - Renesas Technology Corp 7549 Datasheet HTML 12Page - Renesas Technology Corp 7549 Datasheet HTML 13Page - Renesas Technology Corp 7549 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
7548/7549 Group Standard Characteristics
M37548G1-XXXFP,M37548G2-XXXFP,M37548G3-XXXFP,M37549G1-XXXFP,M37549G2-XXXFP,M37549G3-XXXFP
M37548G1FP,M37548G2FP,M37548G3FP,M37549G1FP,M37549G2FP,M37549G3FP
(4) Port Standard characteristics Example (VOH-IOH)
VOH-IOH (Vcc = 3.0 V, Ports P0, P1, P2, P3)
VOH-IOH (Vcc = 5.0 V, Ports P0, P1, P2, P3)
Fig. 44.VOH-IOH (Vcc = 3.0 V, Ports P0, P1, P2, P3)
Fig. 45.VOH-IOH (Vcc = 5.0 V, Ports P0, P1, P2, P3)
(5) Port Standard Characteristics Example (VOL-IOL)
VOL-IOL (Vcc = 3.0 V, Ports P0, "Drivability = High")
VOL-IOL (Vcc = 5.0 V, Ports P0, "Drivability = High")
Fig. 46.VOL-IOL
Fig. 47.VOL-IOL
(Vcc = 3.0 V, Ports P0, "Drivability = High")
(Vcc = 5.0 V, Ports P0, "Drivability = High")
VOL-IOL (Vcc = 3.0 V, Ports P0, "Drivability = Low",
VOL-IOL (Vcc = 5.0 V, Ports P0, "Drivability = Low",
and Ports P1, P2, P3)
and Ports P1, P2, P3)
Fig. 48.VOL-IOL
Fig. 49.VOL-IOL
(Vcc = 3.0 V, Ports P0, "Drivability = Low", and Ports P1, P2, P3)
(Vcc = 5.0 V, Ports P0, "Drivability = Low", and Ports P1, P2, P3)
(Vcc = 5.0 V, Ports P0, "Drivability = High")
VOL-IOL(Vcc = 5.0 V, Ports P0, "Drivability = Low", and Ports P1, P2, P3)
"L" Output Voltage VOL [V]
VOL-IOL (Vcc = 3.0 V, Ports P0, "Drivability = High")
"L" Output Voltage VOL [V]
VOL-IOL(Vcc = 3.0 V, Ports P0, "Drivability = Low", and Ports P1, P2, P3)
"L" Output Voltage VOL [V]
VOH-IOH (Vcc = 5.0 V, Ports P0, P1, P2, P3)
"H" Output Voltage VOH [V]
"H" Output Voltage VOH [V]
VOH-IOH (Vcc = 3.0 V, Ports P0, P1, P2, P3)
"L" Output Voltage VOL [V]
-50
-40
-30
-20
-10
0
01
23
45
Ta=-20
°C
Ta=25
°C
Ta=85
°C
-20
-15
-10
-5
0
01
23
Ta=25
°C
Ta=85
°C
Ta=-20
°C
0
10
20
30
40
50
60
70
80
90
100
012
345
Ta=-20
°C
Ta=25
°C
Ta=85
°C
0
10
20
30
40
50
60
01
23
45
Ta=-20
°C
Ta=25
°C
Ta=85
°C
0
10
20
30
40
50
01
23
Ta=-20
°C
Ta=25
°C
Ta=85
°C
0
5
10
15
20
25
30
01
23
Ta=-20
°C
Ta=25
°C
Ta=85
°C
REJ99B1341-0100
©2007. Renesas Technology Corp., All rights reserved.
September 2007
Page 10 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com