Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS6480SF Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # BTS6480SF
Description  SPI Power Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6480SF Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button BTS6480SF Datasheet HTML 25Page - Infineon Technologies AG BTS6480SF Datasheet HTML 26Page - Infineon Technologies AG BTS6480SF Datasheet HTML 27Page - Infineon Technologies AG BTS6480SF Datasheet HTML 28Page - Infineon Technologies AG BTS6480SF Datasheet HTML 29Page - Infineon Technologies AG BTS6480SF Datasheet HTML 30Page - Infineon Technologies AG BTS6480SF Datasheet HTML 31Page - Infineon Technologies AG BTS6480SF Datasheet HTML 32Page - Infineon Technologies AG BTS6480SF Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 73 page
background image
SPOC - BTS6480SF
Automatic PWM Generator
Data Sheet
29
Rev. 1.0, 2010-04-12
Figure 8
Phase Shifts between Channels
7.5
Daisy Chain Operation with PWM Generator
The SPI of SPOC - BTS6480SF provides daisy chain capability. In this configuration several devices are activated
by the same CS signal MCS. This allows the usage of only one PWM clock input signal
f
PCLK. To avoid a
synchronous activation of channels of the different devices, device phase shift can be programmed at the register
PCR.DPSH
.
7.5.1
Activation of Several SPOC Devices with PWM Generation
For the usage of several SPOC devices in daisy chain configuration with automatic PWM generation the following
procedure is recommended:
•
Wake up the devices by setting the DCR.MUX
≠ 111
b
•
Set the PWM frequencies, duty cycles, phase shifts of all channels
•
Set the device phase shift for each SPOC device differently
•
Activate the automatic PWM generator of all devices by setting PCR.PST within one MCS-frame
•
Activate the channels via the SPI registers OUT.OUTn
With the next rising edge of the PWM clock signal
f
PWM the automatic PWM generation will start. Please see
Figure 9 for details.
Note: If the PWM generator is started during stand-by, the power-on wake up time
t
WU(PO) (5.3.14) has to be
considered as delay until the automatic PWM generation will start.
ChannelPhaseShift .emf
t
V
PCLK
t
PCR.PST
t
V
OUT0
t
OUT.OUT0
t
V
OUT1
t
OUT.OUT1
T
PCLK
DC
PWM0
T
PWM0
t
Ch. phase shift1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com